Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 28Page - ASIX Electronics Corporation AX88790L Datasheet HTML 29Page - ASIX Electronics Corporation AX88790L Datasheet HTML 30Page - ASIX Electronics Corporation AX88790L Datasheet HTML 31Page - ASIX Electronics Corporation AX88790L Datasheet HTML 32Page - ASIX Electronics Corporation AX88790L Datasheet HTML 33Page - ASIX Electronics Corporation AX88790L Datasheet HTML 34Page - ASIX Electronics Corporation AX88790L Datasheet HTML 35Page - ASIX Electronics Corporation AX88790L Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ASIX ELECTRONICS CORPORATION
32
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
4.4.8 MR7 –Next Page Transmit Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
7.15 (NEXT_PAGE)
R/W
Next Page. This bit indicates whether or not this is the last next page to be
transmitted. When this bit is 0, it indicates that this is the last page. When
this bit is 1, it indicates there is an additional next page.
7.14 (ACK)
R
Acknowledge. This bit is the acknowledge bit from the link code word.
7.13 (MESSAGE)
R/W
Message Page. This bit is used to differentiate a message page from an
unformatted page. When this bit is 0, it indicates an unformatted page.
When this bit is 1, it indicates a formatted page.
7.12 (ACK2)
R/W
Acknowledge 2. This bit is used by the next page function to indicate that a
device has the ability to comply with the message. It is set as follows:
When this bit is 0, it indicates the device cannot comply with the message.
When this bit is 1, it indicates the device will comply with the message.
7.11 (TOGGLE)
R
Toggle. This bit is used by the arbitration function to ensure
synchronization with the link partner during next page exchange. This bit
will always take the opposite value of the toggle bit in the previously
exchanged link code word: If the bit is a logic 0, the previous value of the
transmitted link code word was a logic 1.
If the bit is a 1, the previous value of the transmitted link code word was a 0.
The initial value of the toggle bit in the first next page transmitted is the
inverse of the value of bit 11 in the base link code word, and may assume a
value of 1 or 0.
7.10:0 (MCF)
R/W
Message/Unformatted Code Field. With these 11 bits, there are 2048
possible messages. Message code field definitions are described in annex
28C of the IEEE 802.3u standard.
4.4.9 MR16 – PCS Control Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
16.15 (LOCKED)
R
Locked. Locked pin from descrambler block.
16.14-12 (UNUSED)
R
Unused. Will always be read back as 0.
16.11-4 (TESTBITS)
R/W
Generic Test Bits. These bits have no effect on the PCS block. They are for
external use only. A 0 should be written to these bits.
16.3 (LOOPBACK)
R/W
Loopback Configure. When this bit is high, the entire loopback is
performed in the PCS macro. When this bit is low, only the collision pin is
disabled in loopback.
16.2 (SCAN)
R/W
Scan Test Mode.
16.1
(FORCE
LOOPBACK)
R/W
Force Loopback. Force a loopback without forcing idle on the transmit side
or disabling the collision pin.
16.0 (SPEEDUP
COUNTERS)
R/W
Speedup Counters. Reduce link monitor counter to 10 us from 620 us.
(Same as FASTTEST = 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com