Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 18Page - ASIX Electronics Corporation AX88790L Datasheet HTML 19Page - ASIX Electronics Corporation AX88790L Datasheet HTML 20Page - ASIX Electronics Corporation AX88790L Datasheet HTML 21Page - ASIX Electronics Corporation AX88790L Datasheet HTML 22Page - ASIX Electronics Corporation AX88790L Datasheet HTML 23Page - ASIX Electronics Corporation AX88790L Datasheet HTML 24Page - ASIX Electronics Corporation AX88790L Datasheet HTML 25Page - ASIX Electronics Corporation AX88790L Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
4.3.1 Command Register (CR) Offset 00H (Read/Write)
FIELD
NAME
DESCRIPTION
7:6
PS1,PS0 PS1,PS0 : Page Select
The two bits selects which register page is to be accessed.
PS1
PS0
0
0
page 0
0
1
page 1
5:3
RD2,RD1
,RD0
RD2,RD1,RD0 : Remote DMA Command
These three encoded bits control operation of the Remote DMA channel. RD2 could be set
to abort any Remote DMA command in process. RD2 is reset by AX88790 when a Remote
DMA has been completed. The Remote Byte Count should be cleared when a Remote DMA
has been aborted. The Remote Start Address is not restored to the starting address if the
Remote DMA is aborted.
RD2
RD1
RD0
0
0
0
Not allowed
0
0
1
Remote Read
0
1
0
Remote Write
0
1
1
Not allowed
1
X
X
Abort / Complete Remote DMA
2
TXP
TXP : Transmit Packet
This bit could be set to initiate transmission of a packet
1
START START :
This bit is used to active AX88790 operation.
0
STOP
STOP : Stop AX88790
This bit is used to stop the AX88790 operation.
4.3.2 Interrupt Status Register (ISR) Offset 07H (Read/Write)
FIELD
NAME
DESCRIPTION
7
RST
Reset Status :
Set when AX88790 enters reset state and cleared when a start command is issued to the
CR. Writing to this bit is no effect.
6
RDC
Remote DMA Complete
Set when remote DMA operation has been completed
5
CNT
Counter Overflow
Set when MSB of one or more of the Tally Counters has been set.
4
OVW
Over Write: Set when receive buffer ring storage resources have been exhausted.
3
TXE
Transmit Error
Set when packet transmitted with one or more of the following errors
n Excessive collisions
n
FIFO Under-run
2
RXE
Receive Error
Indicates that a packet was received with one or more of the following errors
CRC error
Frame Alignment Error
FIFO Overrun
Missed Packet
1
PTX
Packet Transmitted
Indicates packet transmitted with no error
0
PRX
Packet Received
Indicates packet received with no error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com