Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 7Page - ASIX Electronics Corporation AX88790L Datasheet HTML 8Page - ASIX Electronics Corporation AX88790L Datasheet HTML 9Page - ASIX Electronics Corporation AX88790L Datasheet HTML 10Page - ASIX Electronics Corporation AX88790L Datasheet HTML 11Page - ASIX Electronics Corporation AX88790L Datasheet HTML 12Page - ASIX Electronics Corporation AX88790L Datasheet HTML 13Page - ASIX Electronics Corporation AX88790L Datasheet HTML 14Page - ASIX Electronics Corporation AX88790L Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
ASIX ELECTRONICS CORPORATION
11
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
2.8 Miscellaneous pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
LCLK/XTALIN
I
79
CMOS Local Clock: Typical a 25Mhz clock, +/- 100 PPM, 40%-60%
duty cycle. The signal not supports 5 Volts tolerance ( See application
note also )
Crystal Oscillator Input: Typical a 25Mhz crystal, +/- 25 PPM can be
connected across XTALIN and XTALOUT.
XTALOUT
O
80
Crystal Oscillator Output: Typical a 25Mhz crystal, +/- 25 PPM can be
connected across XTALIN and XTALOUT. If a single-ended external
clock (LCLK) is connected to XTALIN, the crystal output pin should
be left floating.
CLKO25M
O
44
Clock Output: This clock is source from LCLK/XTALIN.
RESET
I/PU
3
Reset
Reset is active high then place AX88790 into reset mode immediately.
During falling edge the AX88790 loads the power on setting data.
And, after the falling edge the AX88790 loads the EEPROM data.
TEST[2:1]
I/PD
47, 65
Test Pins : Active high
These pins are just for test mode setting purpose only. Must be pull
down or keep no connection when normal operation.
IDDQ
I
46
For test only. Must be pulled down at normal operation.
BIST
I/PD
45
For test only. Must be pulled down or keep no connection when normal
operation.
FAST_MODE#
I/PU
59
FAST_MODE : Active LOW
The pin is just for test mode only. Must be pulled high or keep no
connection when normal operation.
EEPROM_SIZE
I/PU
58
EEPROM SIZE = 0: 93C46 type 128 byte EEPROM is used.
EEPROM SIZE = 1: 93C56 type 256 byte EEPROM is used.
ZVREG
O
92
This sets the common mode voltage for 10Base-T and 100Base-TX
modes. It should be connected to the center tap of the transmit side of
the transformer
VDD
P
13, 27, 40,
53, 57, 104,
114, 126
Power Supply: +3.3V DC.
VSS
P
14, 28, 34,
43, 52, 54,
63, 64, 94,
105,115,
127
Power Supply: +0V DC or Ground.
VDDA
P
56, 69,
73, 82
Power Supply for Analog Circuit: +3.3V DC.
VSSA
P
55, 68,
72, 75, 85,
Power Supply for Analog Circuit: +0V DC or Ground.
VDDM
P
76
Powers the analog block around the transmit/receive area. This should
be connected to VDDA: +3.3V DC.
VSSM
P
77, 93
Powers the analog block around the transmit/receive area. This should
be connected to VSSA: +0V DC or Ground Power.
VDDPD
P
78
The Phase Detector (or PLL) power. This should be isolated with other
power: +3.3V DC.
VSSPD
P
81
The Phase Detector (or PLL) power. This should be isolated with other
power: +0V DC or Ground.
VDDO
P
91
Power Supply for Transceiver Output Driver: +3.3V DC.
VSSO
P
86, 89, 90
Power Supply for Transceiver Output Driver: +0V DC or Ground.
Tab – 8 Miscellaneous pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com