Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 14Page - ASIX Electronics Corporation AX88790L Datasheet HTML 15Page - ASIX Electronics Corporation AX88790L Datasheet HTML 16Page - ASIX Electronics Corporation AX88790L Datasheet HTML 17Page - ASIX Electronics Corporation AX88790L Datasheet HTML 18Page - ASIX Electronics Corporation AX88790L Datasheet HTML 19Page - ASIX Electronics Corporation AX88790L Datasheet HTML 20Page - ASIX Electronics Corporation AX88790L Datasheet HTML 21Page - ASIX Electronics Corporation AX88790L Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
ASIX ELECTRONICS CORPORATION
18
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
4.2 PCMCIA Function Configuration Register Set of MODEM
REGISTER
NAME
OFFSET
MCOR
CONFIGURATION OPTION REGISTER
3E0H
MCSR
CONFIGURATION AND STATUS REGISTER
3E2H
MIOBASE0
I/O BASED REGISTER 0
3EAH
MIOBASE1
I/O BASED REGISTER 1
3ECH
Tab – 15 PCMCIA Function Configuration Register Mapping of MODEM
4.2.1 Configuration Option Register of MODEM (MCOR) Offset 3E0H (Read/Write)
FIELD
R/W/C
DESCRIPTION
7
R/W
Software Reset
Assert this bit will reset the MODEM function of AX88790. Return a 0 to this bit will
leave the MODEM function of AX88790 in a post-reset state as same as that following
hardware reset. The value of this bit is 0 at power-on.
6
R/W
Level IRQ
This bit should be set to 1; the AX88790 always generates Level Mode Interrupt.
5:0
R/W
Function Configuration Index
These six bits are used to indicate entry of the card configuration table locate in the CIS.
The default value is 0
.
On multifunction PC Card,
Bit 5, Bit4 : Reserved
Bit 3 : MINT route to STSCHG#
If bit 0 of MCOR is set to 0, this bit is ignored.
If both bit 0 and bit 2 of MCOR are set to 1 and this bit is set to 1, the MODEM will route
interrupt request to STSCHG# signal. If this bit is set to 0, the MODEM will generate
interrupt request via IREQ# line.
Bit 2 : MINT route to IREQ# (Enable IREQ# Routing)
If bit 0 of MCOR is set to 0, this bit is ignored.
If bit 0 of MCOR is set to 1 and this bit is set to 1, the MODEM will generate interrupt
request via IREQ# signal. If this bit is set to 0, the MODEM will not generate interrupt
request via IREQ# line.
Bit 1 : Enable Base and Limit Registers
If bit 0 of MCOR is set to 0, this bit is ignored.
If bit 0 of MCOR is set to 1 and this bit is set to 1,only I/O addresses that are qualified
by the Base and Limit registers are passed to MODEM function. If this bit is set to 0,all
I/O addresses are passed to LAN function.
Bit 0 : Enable Function
If this bit is set to 0, the MODEM function is disabled.
If this bit is set to 1, the MODEM function is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com