Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 13Page - ASIX Electronics Corporation AX88790L Datasheet HTML 14Page - ASIX Electronics Corporation AX88790L Datasheet HTML 15Page - ASIX Electronics Corporation AX88790L Datasheet HTML 16Page - ASIX Electronics Corporation AX88790L Datasheet HTML 17Page - ASIX Electronics Corporation AX88790L Datasheet HTML 18Page - ASIX Electronics Corporation AX88790L Datasheet HTML 19Page - ASIX Electronics Corporation AX88790L Datasheet HTML 20Page - ASIX Electronics Corporation AX88790L Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
4.1.2 Configuration and Status Register of LAN (LCSR) Offset 3C2H (Read/Write)
FIELD
R/W/C
DESCRIPTION
7:3
-
Reserved
2
R/W
PPwrDwn : PHY power down setting
While this bit set to 1, AX88790 will force embedded PHY into power down mode. As for
PPWDN is active high or active low. Please refer section 2.9 Power on configuration setup
signal cross-reference table.
Note: The master control of Power Down mode is place on Bit 0 of CFL. If user want to
enable power down mode, must set the relative bit of EEPROM that map to bit 0 of CFL
register to logic 1. When this bit is set to 1, the LAN will go into power down mode. At
power down mode AX88790 will disable MAC transmitting and receiving operation. But
the host interface will not be affected.
1
R
Intr: Interrupt Request
The LAN function will set this bit to 1 when it need interrupt service and set it to 0 when it
is not request interrupt service.
0
R
IntrAck: Interrupt Acknowledge
This bit will be 0. The Intr will reflect the status of interrupt requesting.
4.1.3 I/O Base Register 0/1 of LAN (LIOBASE0/1) Offset 3CAH/3CCH (Read/Write)
The I/O Base registers (LIOBASE0 and LIOBASE1) determine the base address of the I/O range used to access the
LAN specific registers (MAC Core Registers).
I/O Base Register 0
FIELD
R/W/C
DESCRIPTION
7:0
R/W
Base I/O address bit 7 – 0.
I/O Base Register 1
FIELD
R/W/C
DESCRIPTION
7:0
R/W
Base I/O address bit 15 – 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com