Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 3Page - ASIX Electronics Corporation AX88790L Datasheet HTML 4Page - ASIX Electronics Corporation AX88790L Datasheet HTML 5Page - ASIX Electronics Corporation AX88790L Datasheet HTML 6Page - ASIX Electronics Corporation AX88790L Datasheet HTML 7Page - ASIX Electronics Corporation AX88790L Datasheet HTML 8Page - ASIX Electronics Corporation AX88790L Datasheet HTML 9Page - ASIX Electronics Corporation AX88790L Datasheet HTML 10Page - ASIX Electronics Corporation AX88790L Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ASIX ELECTRONICS CORPORATION
7
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
2.0 Signal Description
The following terms describe the AX88790 pin-out:
All pin names with the “#” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Pull Up
O
Output
PD
Pull Down
I/O
Input/Output
P
Power Pin
OD
Open Drain
2.1 PCMCIA Bus Interface Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
SA[9:0]
I/PD
15,
12 – 4
System Address: Signals SA[9:0] are address bus input lines which
enable direct address of up to 2K memory and I/O spaces on card.
SD[15:0]
I/O/PD
23 – 26,
29 – 33,
35 – 39,
41 – 42
System Data Bus: Signals SD[15:0] constitute the bi-directional data
bus.
IREQ#
O
16
Interrupt Request: IREQ# is asserted to indicate the host system that
the PC Card device requires host software service.
WAIT#
O
2
Wait: This signal is set low to insert wait states during Remote DMA
transfer.
REG#
I/PU
128
Attribute Memory and I/O Space Select: When the REG# signal is
asserted, access is limited to Attribute Memory and to the I/O space.
IORD#
I/PU
19
I/O Read: The host asserts IORD# to read data from AX88790 I/O
space.
IOWR#
I/PU
18
I/O Write: The host asserts IOWR# to write data into AX88790 I/O
space.
OE#
I/PU
20
Output Enable : The OE# line is used to gate Memory Read data from
memory on PC Card
WE#
I/PU
17
Write Enable: The WE# signal is used for strobing Memory Write
data into the memory on PC Card.
IOIS16#
O
123
I/O is 16 Bit Port: The IOIS16# is asserted when the address at the
socket corresponds to an I/O address to which the card responds, and
the I/O port addressed is capable of 16-bit access.
INPACK#
O
1
Input Port Acknowledge: The signal is asserted when the AX88790 is
selected and can respond to and I/O read cycle at the address on the
address bus.
CE1#-CE2#
I/PU
22, 21
Card Enable : The CE1# enables even numbered address bytes and
CE2# enables odd numbered address bytes
STSCHG#
O
124
Battery Voltage Detect 1 / Status Change
SPKR#
O
125
Battery Voltage Detect 2 / Audio speaker out
Tab - 1 PCMCIA bus interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com