Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 52 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 52 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 48Page - ASIX Electronics Corporation AX88790L Datasheet HTML 49Page - ASIX Electronics Corporation AX88790L Datasheet HTML 50Page - ASIX Electronics Corporation AX88790L Datasheet HTML 51Page - ASIX Electronics Corporation AX88790L Datasheet HTML 52Page - ASIX Electronics Corporation AX88790L Datasheet HTML 53Page - ASIX Electronics Corporation AX88790L Datasheet HTML 54Page - ASIX Electronics Corporation AX88790L Datasheet HTML 55Page - ASIX Electronics Corporation AX88790L Datasheet HTML 56Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
ASIX ELECTRONICS CORPORATION
52
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
Demonstration Circuit (A) : AX88790 + HomePNA 1M8 PHY
SA1
SD14
GND
SD6
IOWR#
SA8
3.3V
SD10
RESET
SA2
*1
R33 : 3.3V card tpye be used.
SD8
SA5
IREQ#
SA3
GND
REG#
IOIS16#
R33
1k
SA[0..9]
GND
CE1#
REG#
CE2#
SD12
IOIS16#
SD4
OE#
SD1
GND
C33
0.01u
STSCHG#
CE2#
SD[0..15]
SD9
SPKR#
WAIT#
REG#
GND
STSCHG#
CE1#
SD11
IREQ#
GND
SA9
+ C14
4.7uF/16V
IREQ#
+ C11
4.7uF/16V
VDD
C42
0.01u
3.3V
C47
0.01u
IOIS16#
VDD
WE#
INPACK#
RESET
SD0
SD2
WAIT#
GND
U6
LT1117A
1
4
2
3
ADJ/GND
TAB/OUT
OUT
IN
IORD#
WAIT#
VDD
GND
SD3
SD7
RESET
WE#
CE1#
SD13
SPKR#
OE#
VDD
OE#
INPACK#
SA7
IOWR#
CE2#
AX88790 10BASE-T/100BASE-TX & 1M HomePNA Application
with NS83851 PHYceiver.(reference only)
SA0
WE#
GND
IOWR#
SPKR#
IORD#
SA4
SA6
SD15
790NS2A.SCH
1.1
PCMCIA INTERFACE
A4
1
5
Monday, July 10, 2000
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
GND
STSCHG#
INPACK#
SD5
U4
PCMCIA
PCMCIA 168 pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
GND
D3
D4
D5
D6
D7
CE1#
A10
OE#
A11
A9
A8
A13
A14
WE#
IREQ#
VCC
VPP1
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
IOIS16#
GND
GND
CD1#
D11
D12
D13
D14
D15
CE2#
VS1#
IORD#
IOWR#
A17
A18
A19
A20
A21
VCC
VPP2
A22
A23
A24
A25
VS2#
RESET
WAIT#
INPACK#
REG#
SPKR#
STSCHG#
D8
D9
D10
CD2#
GND
IORD#
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com