Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 45Page - ASIX Electronics Corporation AX88790L Datasheet HTML 46Page - ASIX Electronics Corporation AX88790L Datasheet HTML 47Page - ASIX Electronics Corporation AX88790L Datasheet HTML 48Page - ASIX Electronics Corporation AX88790L Datasheet HTML 49Page - ASIX Electronics Corporation AX88790L Datasheet HTML 50Page - ASIX Electronics Corporation AX88790L Datasheet HTML 51Page - ASIX Electronics Corporation AX88790L Datasheet HTML 52Page - ASIX Electronics Corporation AX88790L Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
ASIX ELECTRONICS CORPORATION
49
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
Appendix A: Application Note 1
A.1 Using Crystal 25MHz
AX88790
CLKO25M
25MHz
XTALIN
XTALOUT
25MHz
Crystal
33pf
33pf
Note: The capacitors (33pf) may be various depend on the specification of crystal. While designing,
please refer to the suggest circuit provided by crystal supplier.
A.2 Using Oscillator 25MHz
AX88790
CLKO25M
25MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com