Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 43 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 43 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 39Page - ASIX Electronics Corporation AX88790L Datasheet HTML 40Page - ASIX Electronics Corporation AX88790L Datasheet HTML 41Page - ASIX Electronics Corporation AX88790L Datasheet HTML 42Page - ASIX Electronics Corporation AX88790L Datasheet HTML 43Page - ASIX Electronics Corporation AX88790L Datasheet HTML 44Page - ASIX Electronics Corporation AX88790L Datasheet HTML 45Page - ASIX Electronics Corporation AX88790L Datasheet HTML 46Page - ASIX Electronics Corporation AX88790L Datasheet HTML 47Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
ASIX ELECTRONICS CORPORATION
43
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
6.4.3 Attribute Memory Read Timing
TcR
Ta(A)
Th(A)
A[9:0], REG#
Ta(CE)
Tv(A)
Tsu(CE)
CE#
Tsu(A)
Ta(OE)
Th(CE)
OE#
Tv(WT-OE)
Tw(WT)
Tdis(CE)
WAIT#
Ten(OE)
Tv(WT)
Tdis(OE)
D[15:0]
DATA Valid
Symbol
Description
Min
Typ.
Max
Units
TcR
READ CYCLE TIME
300
-
-
ns
Ta(A)
ADDRESS ACCESS TIME
-
-
120
ns
Ta(CE)
CARD ENABLE ACCESS TIME
-
-
100
ns
Ta(OE)
OUTPUT ENABLE ACCESS TIME
-
-
100
ns
Tdis(OE)
OUTPUT DISABLE TIME FROM OE#
0.5
-
-
ns
Ten(OE)
OUTPUT ENABLE TIME FROM OE#
-
-
100
ns
Tv(A)
DATA VALID FROM ADDRESS CHANGE
0
-
-
ns
Tsu(A)
ADDRESS SETUP TIME
30
-
-
ns
Th(A)
ADDRESS HOLD TIME
20
-
-
ns
Tsu(CE)
CARD ENABLE SETUP TIME
0
-
-
ns
Th(CE)
CARD ENABLE HOLD TIME
20
-
-
ns
Tv(WT-OE) WAIT# VALID FROM OE#
-
-
10
ns
Tw(WT)
WAIT# PULSE WIDTH
-
-
200
ns
Tv(WT)
DATA SETUP FOR WAIT# RELEASED
100
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com