| Electronic Components Datasheet Search |
|
AX88790L Datasheet(PDF) 28 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88790L Datasheet(HTML) 28 Page - ASIX Electronics Corporation |
|
28 / 60 page ![]() ASIX ELECTRONICS CORPORATION 28 AX88790 L 3-in-1 PCMCIA Fast Ethernet Controller 4.4.1 MR0 -- Control Register Bit Descriptions FIELD TYPE DESCRIPTION 0.15 (SW_RESET) R/W Reset. Setting this bit to a 1 will reset the PHY. All registers will be set to their default state. This bit is self-clearing. The default is 0. 0.14 (LOOPBACK) R/W Loopback. When this bit is set to 1, no data transmission will take place on the media. Any receive data will be ignored. The loopback signal path will contain all circuitry up to, but not including, the PMD. The default value is a 0. 0.13(SPEED100) R/W Speed Selection. The value of this bit reflects the current speed of operation (1 =100 Mbits/s; 0 =10 Mbits/s). This bit will only affect operating speed when the autonegotiation enable bit (register 0, bit 12) is disabled (0). This bit is ignored when autonegotiation is enabled (register 0, bit 12). This bit is ANDed with the SPEED_PIN signal. 0.12 (NWAY_ENA) R/W Autonegotiation Enable. The autonegotiation process will be enabled by set-ting this bit to a 1. The default state is a 1. 0.11 (PWRDN) R/W Powerdown. The PHY may be placed in a low-power state by setting this bit to a 1, both the 10Mbits/s transceiver and the 100Mbits/s transceiver will be powered down. While in the powerdown state, the PHY will respond to management transactions. The default state is a 0. 0.10 (ISOLATE) R/W Isolate. When this bit is set to a 1, the MII outputs will be brought to the high-impedance state. The default state is a 0. 0.9 (REDONWAY) R/W Restart Autonegotiation. Normally, the autonegotiation process is started at powerup. Setting this bit to a 1 may restart the process. The default state is a 0. The NWAYDONE bit (register 1, bit 5) is reset when this bit goes to a 1. This bit is self-cleared when autonegotiation restarts. 0.8 (FULL_DUP) R/W Duplex Mode. This bit reflects the mode of operation (1 = full duplex; 0 = half duplex). This bit is ignored when the autonegotiation enable bit (register 0, bit 12) is enabled. The default state is a 0. This bit is ORed with the F_DUP pin. 0.7 (COLTST) R/W Collision Test. When this bit is set to a 1, the PHY will assert the MCOL signal in response to MTX_EN. 0.6:0 (RESERVED) NA Reserved. All bits will read 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |