Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88790L Datasheet HTML 1Page - ASIX Electronics Corporation AX88790L Datasheet HTML 2Page - ASIX Electronics Corporation AX88790L Datasheet HTML 3Page - ASIX Electronics Corporation AX88790L Datasheet HTML 4Page - ASIX Electronics Corporation AX88790L Datasheet HTML 5Page - ASIX Electronics Corporation AX88790L Datasheet HTML 6Page - ASIX Electronics Corporation AX88790L Datasheet HTML 7Page - ASIX Electronics Corporation AX88790L Datasheet HTML 8Page - ASIX Electronics Corporation AX88790L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
ASIX ELECTRONICS CORPORATION
Frist Released Date : Jun/19/2000
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
Document No.: AX790-15 / V1.5 / Jan. 24 ’02
Features
•
Highly integrated with embedded 10/100Mbps
MAC, PHY and Transceiver
•
Compliant
with
IEEE
802.3/802.3u
100BASE-TX/FX specification
•
Single chip PCMCIA bus 10/100Mbps Fast
Ethernet MAC Controller
•
Embedded 8K * 16 bit SRAM
•
NE2000 register level compatible instruction
•
Compliant with 16 bit PC Card Standard
-
February 1995
•
Support both 10Mbps and 100Mbps data rate
•
Support both full-duplex or half-duplex operation
•
Provides FAX/MODEM interface for COMBO AP
•
Provides an extra MII port for supporting other
media. For example, Home-LAN application
•
Support 128/256 bytes EEPROM (used for saving
CIS)
•
Support automatic loading of Ethernet ID, CIS and
Adapter
Configuration
from
EEPROM
on
power-on initialization
•
External and internal loop-back capability
•
Support 3 General Purpose Input pins
•
Low Power Consumption, typical under 100mA
•
128-pin LQFP low profile package
•
0.25 Micron low power CMOS process. 25MHz
Operation, Pure 3.3V operation with 5V I/O
tolerance.
*IEEE is a registered trademark of the Institute of Electrical and Electronic
Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product description
The AX88790 Fast Ethernet Controller is a high performance and highly integrated PCMCIA bus Ethernet Controller
with embedded 10/100Mbps PHY/Transceiver and 8K*16 bit SRAM. The AX88790 contains a 16 bit PCMCIA
interfaces to host CPU and compliant with PC Card Standard – February 1995. The AX88790 implements both 10Mbps
and 100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard. The AX88790 also provides an extra
IEEE802.3u compliant media-independent interface (MII) to support other media applications. Using MII interface,
Home LAN PHY type media can be supported. The AX88790 is built in interface to connect FAX/MODEM chipset with
parallel bus interface.
Typical System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88790 with 10/100 PHY/TxRx
MODEM
DAA
MAGNETIC
RJ45
RJ11
PCMCIA I/F
EEPROM
Home LAN PHY
/TxRx
MAGNETIC
RJ11


Similar Part No. - AX88790L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796 ASIX-AX88796 Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
AX88796ALF ASIX-AX88796ALF Datasheet
1Mb / 68P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
06/25/2013
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796BLI ASIX-AX88796BLI Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796C ASIX-AX88796C Datasheet
101Kb / 2P
Low-Power SPI or Non-PCI Ethernet Controller
More results

Similar Description - AX88790L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88196L ASIX-AX88196L Datasheet
594Kb / 42P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
LF8430 ETC1-LF8430 Datasheet
50Kb / 1P
FAST ETHERNET 100BASE-TX PCMCIA TRANSFORMER MODULES
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
logo
Delta Electronics, Inc.
LF8409 DELTA-LF8409 Datasheet
62Kb / 1P
FAST ETHERNET 100BASE-TX PCMCIA TRANSFORMER MODULES
logo
ASIX Electronics Corpor...
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
10/100BASE PCMCIA Fast Ethernet MAC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com