Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 39Page - NXP Semiconductors MPC8610EC Datasheet HTML 40Page - NXP Semiconductors MPC8610EC Datasheet HTML 41Page - NXP Semiconductors MPC8610EC Datasheet HTML 42Page - NXP Semiconductors MPC8610EC Datasheet HTML 43Page - NXP Semiconductors MPC8610EC Datasheet HTML 44Page - NXP Semiconductors MPC8610EC Datasheet HTML 45Page - NXP Semiconductors MPC8610EC Datasheet HTML 46Page - NXP Semiconductors MPC8610EC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
43
2.12.2
SSI AC Timing Specifications
All timings for the SSI are given for a noninverted serial clock polarity (TSCKP/RSCKP = 0) and a noninverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timing remains valid by inverting
the clock signal STCK/SRCK and/or the frame sync STFS/SRFS shown in the following tables and figures.
For internal frame sync operation using external clock, the FS timing will be same as that of Tx Data.
2.12.2.1
SSI Transmitter Timing with Internal Clock
Table 35 provides the transmitter timing parameters with internal clock.
Table 34. SSI DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (BVIN
1 = 0 V or BV
IN = BVDD)IIN
—±5
μA
High-level output voltage (BVDD = min, IOH = –2 mA)
VOH
BVDD – 0.2
—
V
Low-level output voltage (BVDD = min, IOL = 2 mA)
VOL
—0.2
V
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.
Table 35. SSI Transmitter with Internal Clock Timing Parameters
Parameter
Symbol
Min
Max
Unit
Internal Clock Operation
(Tx/Rx) CK clock period
SS1
81.4
—
ns
(Tx/Rx) CK clock high period
SS2
36.0
—
ns
(Tx/Rx) CK clock rise time
SS3
—
6
ns
(Tx/Rx) CK clock low period
SS4
36.0
—
ns
(Tx/Rx) CK clock fall time
SS5
—
6
ns
(Tx) CK high to FS high
SS10
—
15.0
ns
(Tx) CK high to FS low
SS12
—
15.0
ns
(Tx/Rx) internal FS rise time
SS14
—
6
ns
(Tx/Rx) internal FS fall time
SS15
—
6
ns
(Tx) CK high to STXD valid from high impedance
SS16
—
15.0
ns
(Tx) CK high to STXD high/low
SS17
—
15.0
ns
(Tx) CK high to STXD high impedance
SS18
—
15.0
ns
STXD rise/fall time
SS19
—
6
ns
Synchronous Internal Clock Operation
SRXD setup before (Tx) CK falling
SS42
10.0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com