Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 88Page - NXP Semiconductors MPC8610EC Datasheet HTML 89Page - NXP Semiconductors MPC8610EC Datasheet HTML 90Page - NXP Semiconductors MPC8610EC Datasheet HTML 91Page - NXP Semiconductors MPC8610EC Datasheet HTML 92Page - NXP Semiconductors MPC8610EC Datasheet HTML 93Page - NXP Semiconductors MPC8610EC Datasheet HTML 94Page - NXP Semiconductors MPC8610EC Datasheet HTML 95Page - NXP Semiconductors MPC8610EC Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Package Information
Freescale Semiconductor
92
4.2
Part Marking
Parts are marked as the example shown in Figure 58.
Figure 58. Part Marking for FC-PBGA Device
5
Package Information
This section details package parameters and dimensions.
5.1
Package Parameters for the MPC8610
The package parameters are as provided in the following list. The package type is 29 mm × 29 mm, 783 pins. There are two
package options: leaded flip chip-plastic ball grid array (FC-PBGA) and RoHS lead-free (FC-PBGA).
Die size
8.5 mm × 9.7 mm
Package outline
29 mm × 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height
2.18 mm
Maximum module height
2.7 mm
Total capacitor count
23 caps; 100 nF each
For leaded FC-PBGA (package option: PX)
Solder balls
63% Sn 37% Pb
Ball diameter (typical)
0.50 mm
For RoHS lead-free FC-PBGA (package option: VT)
Solder balls
96.5% Sn, 3.5% Ag
Ball diameter (typical)
0.50 mm
MC8610
wxxyyyyMz
TWLYYWW
MMMM
YWWLAZ
YWWLAZ is the assembly traceability code.
MMMM is the M00 (mask) number.
TWLYYWW is the test code.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com