Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 7Page - NXP Semiconductors MPC8610EC Datasheet HTML 8Page - NXP Semiconductors MPC8610EC Datasheet HTML 9Page - NXP Semiconductors MPC8610EC Datasheet HTML 10Page - NXP Semiconductors MPC8610EC Datasheet HTML 11Page - NXP Semiconductors MPC8610EC Datasheet HTML 12Page - NXP Semiconductors MPC8610EC Datasheet HTML 13Page - NXP Semiconductors MPC8610EC Datasheet HTML 14Page - NXP Semiconductors MPC8610EC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
No Connects
B1, B10, C2, C3, E22, F18, G11, G18, H8,
H11, H14, J11, AA1, AA2, AA3, AA4
——
16
Power and Ground Signals
MVREF
AE14
DDR2 reference
voltage
GVDD/2
OVDD
C24, C26, D1, E25, F3, G7, G25, H4, J24,
K1, L4, L7, N5, P10, P7, T4, T8, V5, V8
LCD, general
purpose timer,
PCI, MPIC, I2C,
DUART, IrDA,
SPI, DMA,
system control,
clocking, debug,
test, JTAG, &
power
management
I/O supply
OVDD
GVDD
Y2, Y16, AA7, AA24, AA26, AB14, AB17,
AC2, AC5, AC6, AC9, AC12, AC18, AC21,
AC24, AC27, AE4, AE7, AE10, AE13, AE16,
AE19, AE22, AE25, AF2, AG5, AG8, AG11,
AG14, AG17, AG20, AG23, AG26, AH1
DDR SDRAM
I/O supply
GVDD
BVDD
L27, M20, M24, P18, P22, P26, U19, U27,
V24, W21, AA20
eLBC & SSI I/O
voltage
BVDD
S1VDD
A3, A10, B5, B8, D4, D7
Receiver and
SerDes core
power supply for
port 1
S1VDD
S2VDD
A11, A15, A19, A23, B13, B17, B21, C14,
C18, D12, D16, D20
Receiver and
SerDes core
power supply for
port 2
S2VDD
X1VDD
F11, G9, H12, J10, K13
Transmitter
power supply for
SerDes port 1
X1VDD
X2VDD
F13, F17, F21, G15, G19, H18, H22, J16,
J20
Transmitter
power supply for
SerDes port 2
X2VDD
L1VDD
K14
Digital logic
power supply for
SerDes port 1
L1VDD
L2VDD
K16, K18
Digital logic
power supply for
SerDes port 2
L2VDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com