Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 71Page - NXP Semiconductors MPC8610EC Datasheet HTML 72Page - NXP Semiconductors MPC8610EC Datasheet HTML 73Page - NXP Semiconductors MPC8610EC Datasheet HTML 74Page - NXP Semiconductors MPC8610EC Datasheet HTML 75Page - NXP Semiconductors MPC8610EC Datasheet HTML 76Page - NXP Semiconductors MPC8610EC Datasheet HTML 77Page - NXP Semiconductors MPC8610EC Datasheet HTML 78Page - NXP Semiconductors MPC8610EC Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
Hardware Design Considerations
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
75
3.1.3
e600 Core to MPX/Platform Clock PLL Ratio
The clock ratio between the e600 core and the platform clock is determined by the binary value of LBCTL, LALE,
LGPL2/LOE/LFRE, DIU_LD4 (cfg_core_pll[0:3]–reset config) signals at power up. Table 58 describes the supported ratios.
Note that cfg_core_speed must be pulled low if the core frequency is 800 MHz or below.
3.1.4
Frequency Options
3.1.4.1
SYSCLK and Platform Frequency Options
Table 59 shows the expected frequency options for SYSCLK and platform frequencies.
Table 58. e600 Core/Platform Clock Ratios
Binary Value of
LBCTL, LALE,
LGPL2/LOE/LFRE,
DIU_LD4 Signals
e600 core: MPX/Platform Ratio
1000
2:1
1010
2.5:1
1100
3:1
1110
3.5:1
0000
4:1
0010
4.5:1
All Others
Reserved
Table 59. SYSCLK and Platform Frequency Options
Platform:
SYSCLK
Ratio
SYSCLK (MHz)
33.33
66.66
83.33
100.00
111.11
133.33
Platform/MPX Frequency (MHz)1
1 Platform/MPX Frequency values are shown rounded down to the nearest
whole number (decimal place accuracy removed)
3:1
333
400
4:1
333
400
533
5:1
333
500
6:1
400
500
8:1
533
10:1
333
12:1
400
16:1
533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com