Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 63Page - NXP Semiconductors MPC8610EC Datasheet HTML 64Page - NXP Semiconductors MPC8610EC Datasheet HTML 65Page - NXP Semiconductors MPC8610EC Datasheet HTML 66Page - NXP Semiconductors MPC8610EC Datasheet HTML 67Page - NXP Semiconductors MPC8610EC Datasheet HTML 68Page - NXP Semiconductors MPC8610EC Datasheet HTML 69Page - NXP Semiconductors MPC8610EC Datasheet HTML 70Page - NXP Semiconductors MPC8610EC Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
67
VRX-CM-ACp
AC peak
common mode
input voltage
150
mV
VRX-CM-ACp = |VRXD+ – VRXD-|/2 – VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ – VRX-D-|/2
See Note 2
RLRX-DIFF
Differential
return loss
15
dB
Measured over 50 MHz to 1.25 GHz with the D+ and
D– lines biased at +300 and –300 mV, respectively.
See Note 4
RLRX-CM
Common mode
return loss
6
dB
Measured over 50 MHz to 1.25 GHz with the D+ and
D– lines biased at 0 V. See Note 4
ZRX-DIFF-DC
DC differential
input impedance
80
100
120
Ω
RX DC differential mode impedance. See Note 5
ZRX-DC
DC input
impedance
40
50
60
Ω
Required RX D+ as well as D– DC impedance
(50 ± 20% tolerance). See Notes 2 and 5
ZRX-HIGH-IMP-DC
Powered down
DC input
impedance
200 k
Ω
Required RX D+ as well as D– DC Impedance when
the receiver terminations do not have power. See
Note 6
VRX-IDLE-DET-DIFFp-p
Electrical idle
detect threshold
65
175
mV
VRX-IDLE-DET-DIFFp-p = 2*|VRX-D+ – VRX-D–|
Measured at the package pins of the receiver
TRX-IDLE-DET-DIFF-
ENTERTIME
Unexpected
electrical idle
enter detect
threshold
integration time
10
ms
An unexpected Electrical Idle (VRX-DIFFp-p <
VRX-IDLE-DET-DIFFp-p) must be recognized no longer
than TRX-IDLE-DET-DIFF-ENTERING to signal an
unexpected idle condition.
Table 50. Differential Receiver (RX) Input Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com