Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 70Page - NXP Semiconductors MPC8610EC Datasheet HTML 71Page - NXP Semiconductors MPC8610EC Datasheet HTML 72Page - NXP Semiconductors MPC8610EC Datasheet HTML 73Page - NXP Semiconductors MPC8610EC Datasheet HTML 74Page - NXP Semiconductors MPC8610EC Datasheet HTML 75Page - NXP Semiconductors MPC8610EC Datasheet HTML 76Page - NXP Semiconductors MPC8610EC Datasheet HTML 77Page - NXP Semiconductors MPC8610EC Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Hardware Design Considerations
Freescale Semiconductor
74
Table 56 provides the clocking specifications for the Platform/MPX bus.
Table 56. Platform/MPX Bus Clocking Specifications
3.1.2
Platform/MPX to SYSCLK PLL Ratio
The the clock that drives the internal MPX bus is called the platform clock. The frequency of the platform clock is set using the
following reset signals, as shown in Table 57:
•
SYSCLK input signal
•
Binary value on DIU_LD[10], LA[28:31] (cfg_sys_pll[0:4] - reset config) at power up
These signals must be pulled to the desired values. Also note that the DDR data rate is the determining factor in selecting the
platform frequency, since the platform frequency must equal the DDR data rate.
For specifications on the PCI_CLK, refer to the PCI 2.2 Specification.
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
800, 1066, 1333 MHz
Min
Max
Platform/MPX bus clock speed
333
533
MHz
1, 2
Note:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e600 (core) frequency, and MPX clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 3.1.2, “Platform/MPX to SYSCLK PLL Ratio.”
2. For MPX clock frequencies at 400 MHz and below, cfg_net2_div must be pulled low.
Table 57. Platform/SYSCLK Clock Ratios
Binary Value of
DIU_LD[10],
LA[28:31] Signals
Platform:SYSCLK Ratio
Binary Value of
DIU_LD[10],
LA[28:31] Signals
Platform:SYSCLK Ratio
00010
2:1
01010
10:1
00011
3:1
01100
12:1
00100
4:1
01110
14:1
00101
5:1
01111
15:1
00110
6:1
10000
16:1
00111
7:1
10001
17:1
01000
8:1
10010
18:1
01001
9:1
All others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com