Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 44Page - NXP Semiconductors MPC8610EC Datasheet HTML 45Page - NXP Semiconductors MPC8610EC Datasheet HTML 46Page - NXP Semiconductors MPC8610EC Datasheet HTML 47Page - NXP Semiconductors MPC8610EC Datasheet HTML 48Page - NXP Semiconductors MPC8610EC Datasheet HTML 49Page - NXP Semiconductors MPC8610EC Datasheet HTML 50Page - NXP Semiconductors MPC8610EC Datasheet HTML 51Page - NXP Semiconductors MPC8610EC Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Electrical Characteristics
Freescale Semiconductor
48
2.13
Global Timer Module
This section describes the DC and AC electrical specifications for the global timer module (GTM) of the MPC8610.
2.13.1
GTM DC Electrical Characteristics
Table 39 provides the DC electrical characteristics for the MPC8610 global timer module pins, including GTMn_TINn,
GTMn_TOUTn, GTMn_TGATEn, and RTC.
2.13.2
GTM AC Timing Specifications
Table 40 provides the GTM input and output AC timing specifications.
Figure 21 provides the AC test load for the GTM.
Figure 21. GTM AC Test Load
Table 39. GTM DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = VDD)IIN
—±5
μA
High-level output voltage (OVDD = min, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
Low-level output voltage (OVDD = min, IOL = 100 μA)
VOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2 and Table 3.
Table 40. GTM Input and Output AC Timing Specification1
Characteristic
Symbol2
Min
Unit
Notes
GTM inputs—minimum pulse width
tGTIWID
7.5
ns
3
GTM outputs—minimum pulse width
tGTOWID
12
ns
Notes:
1. Input specifications are measured from the 50 percent level of the signal to the 50 percent level of the rising edge of CLKIN.
Timings are measured at the pin.
2. Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by external
synchronous logic. Timer inputs are required to be valid for at least tGTIWID ns to ensure proper operation.
3. The minimum pulse width is a function of the MPX/platform clock. The minimum pulse width must be greater than or equal
to 4 times the MPX/platform clock period.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com