Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 82Page - NXP Semiconductors MPC8610EC Datasheet HTML 83Page - NXP Semiconductors MPC8610EC Datasheet HTML 84Page - NXP Semiconductors MPC8610EC Datasheet HTML 85Page - NXP Semiconductors MPC8610EC Datasheet HTML 86Page - NXP Semiconductors MPC8610EC Datasheet HTML 87Page - NXP Semiconductors MPC8610EC Datasheet HTML 88Page - NXP Semiconductors MPC8610EC Datasheet HTML 89Page - NXP Semiconductors MPC8610EC Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Hardware Design Considerations
Freescale Semiconductor
86
Tyco Electronics
800-522-6752
Chip Coolers™
P.O. Box 3668
Harrisburg, PA 17105-3668
Internet: www.chipcoolers.com
Wakefield Engineering
603-635-5102
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at a given air
velocity, spatial volume, mass, attachment method, assembly, and cost.
3.12.2.1
Internal Package Conduction Resistance
For the exposed-die packaging technology described in Table 62, the intrinsic conduction thermal resistance paths are as
follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-board thermal resistance
Figure 55 depicts the primary heat transfer path for a package with an attached heat sink mounted to a printed-circuit board.
Figure 55. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
The heat sink removes most of the heat from the device. Heat generated on the active side of the chip is conducted through the
silicon, then through the heat sink attach material (or thermal interface material), and finally to the heat sink. The
junction-to-case thermal resistance is low enough that the heat sink attach material and heat sink thermal resistance are the
dominant terms.
3.12.2.2
Thermal Interface Materials
A thermal interface material is recommended at the package-to-heat sink interface to minimize the thermal contact resistance.
Figure 56 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, fluoroether oil),
a bare joint, and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal
interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the interface
thermal resistance. In contrast, the bare joint results in a thermal resistance approximately seven times greater than the thermal
grease joint.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com