Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors SE050 Datasheet HTML 14Page - NXP Semiconductors SE050 Datasheet HTML 15Page - NXP Semiconductors SE050 Datasheet HTML 16Page - NXP Semiconductors SE050 Datasheet HTML 17Page - NXP Semiconductors SE050 Datasheet HTML 18Page - NXP Semiconductors SE050 Datasheet HTML 19Page - NXP Semiconductors SE050 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
In Table 10 VCC means for IO1 voltage on VCC pin, for IO2 voltage on VIN pin
Maximum supported supply voltage is 6 V. In case of supply voltages above 3.6 V, Deep Power-down mode current <5 µA is
not guaranteed.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIL
LOW level input current
0 V ≤ VI ≤ 0.3 VCC;
Test conditions for the
maximum
absolute value:
IIL(max):VI = 0 V, VCC =
VCC(max)
-50
μA
ITL
HIGH-to-LOW transition input
current (only "quasi-bidirect
ional" mode)
0.3 VCC < VI ≤ VCC;
Test conditions for the
maximum absolute
value: VI = 0.5 VCC, VCC
= VCC(max)
[1]
-250
μA
II
Input current in "weak pull-up"
input mode
0 V ≤ VI ≤ VCC; Test
conditions for the
maximum absolute
value: II(max):VI = 0 V,
VCC = VCC(max)
0
-50
μA
IILIH
Leakage input current at input
voltage beyond VCC in "weak
pull-up" input mode
VCC < VI ≤ VCC + 0.3 V;
-40 °C ≤
Tamb ≤ +105 °C;
Test conditions: VI = VCC
+ 0.3
V;
VCC = VCC(max)Tamb =
+105 °C
20
μA
-0.3 V ≤ VI < 0 V; -40 °C
≤ Tamb ≤
+30 °C
Test conditions: VI = -0.3
V;
VCC= VCC(max)Tamb =
+30 °C
-50
μA
IILIL
Leakage input current at input
voltage below VSS in "weak
pull-up" input mode
-0.3 V ≤ VI < 0 V;+30 °C
≤ Tamb ≤
+105 °C
Test conditions: VI = -0.3
V;
VCC= VCC(max)Tamb =
+105 °C
-1000
μA
IILIHQ
Leakage input current at
input voltage beyond VCC
(only in "quasi-bidirectional"
mode)
VCC < VI ≤ VCC + 0.3 V;
-40 °C ≤
Tamb≤ +105 °C
Test conditions: VI = VCC
+
0.3 V;VCC = VCC(max);
Tamb = +105 °C
100
μA
Table 10. Electrical DC characteristics of Input/Output: IO1/IO2. Conditions: VCC = 1.62 V to 3.6 V (see ; VSS = 0 V;
Tamb = -40 °C to + 105 °C, unless otherwise specified...continued
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
16 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com