Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
3.2 Credential Storage & Memory
Within SE050, all credentials and secure objects are stored inside a dynamic file
structure. At creation, a user has to associate a file identifier with the object created. This
identifier is then used in subsequent operations to access the object. The number of
objects that can be allocated is only limited by the available memory in the system. After
usage, objects can be deleted and the associated memory is freed up again.
There is also the possibility to create transient objects. Transient objects have an object
descriptor stored in non-volatile memory, but the object content is stored in RAM.
Together with the import/export functionality of SE050, transient objects can be used
securely store secret keys in a remote memory system.
3.3 Preprovisioned "Ease of Use" configurations
Some generic SE050 variants are offered pre-configured for ease of use and can be
used during development phase and in the field. With this customers have all keys pre-
injected in SE050 that are required for the main use cases as e.g. cloud onboarding. For
more information, see: [4]
3.4 Startup behaviour
If a supply voltage is applied to pins Vin, Vcc within the specified supply voltage operating
range or a RF field according to ISO/IEC 14443 is applied to antenna pins LA, LB the IC
boots up.
During boot the IC checks for active interface according list below (in the order of the list):
• ISO7816: If interface available for this product type, check CLK to be toggling, then wait
for RST to be high
• ISO14443: If interface available for this product type, check of RF field on LA, LB
antenna pins
• I2C: If interface available for this product type, check if both I2C_SDA, I2C_SCL pins
are at high level (internal weak pull-up active)
• The chosen interface is the only interface the SE050 will receive commands for
processing. To select a different interface the IC needs to be reset.
4 Communication interfaces
4.1 I2C Interfaces
The I2C interface vary according the specific SE050 variant see Section 4.1.1.
The SE050 has one I2C interface supporting target and one I2C interface supporting
controller mode.
The I2C target interface is the main communication interface of the device and is used by
the host controller to send arbitrary APDUs to the device. It supports clock frequencies
up to 3.4 MHz when operated in High-Speed Mode (HS). The I2C interface is using the
Smartcard T=1 over I2C protocol.
The default target address of the SE050 is configured to 0x48.
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
8 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com