Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors SE050 Datasheet HTML 14Page - NXP Semiconductors SE050 Datasheet HTML 15Page - NXP Semiconductors SE050 Datasheet HTML 16Page - NXP Semiconductors SE050 Datasheet HTML 17Page - NXP Semiconductors SE050 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Symbol
Parameter
Numbers of units per reel
HX2QFN20
7" tape on reel
3000
Table 7. Reel packing options
11 Electrical and timing characteristics
The electrical interface characteristics of static (DC) and dynamic (AC) parameters for
pads and functions used for I2C are in accordance with the NXP I2C specification (see
[1]).
12 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VIN, Vcc
supply voltage
-0.3
+6
[1]
V
VI
input voltage
any signal pad
-0.3
+6
V
II
input current
pad I2C_SDA, I2C_SCL
-
10
mA
IO
output current
pad I2C_SDA, I2C_SCL
-
10
mA
Ilu
latch-up current
VI < 0 V or VI > VIN, Vcc
-
100
mA
Vesd_hbm
electrostatic discharge voltage
(Human Body Model)
pads VCC, VSS, RST_N,
I2C_SDA, I2C_SCL, IO1, IO2,
CLK
[2]
± 2.0
kV
Vesd_cdm
electrostatic discharge voltage
(Charge Device Model)
pads VCC, VSS, RST_N,
I2C_SDA, I2C_SCL, IO1, IO2,
CLK
[3]
± 500
V
Ptot
Total power dissipation
[4] -
600
mW
Tstg
Storage temperature
-55
+125
°C
Table 8. Limiting values
[1]
Maximum supported supply voltage is 6 V. The SE050 is characterized for the specified operating supply voltage range of 1.62 V to 3.6 V. In case of
supply voltages above 3.6 V, Deep Power-down mode current <5 µA is not guaranteed.
[2]
MIL Standard 883-D method 3015; human body model; C = 100 pF, R = 1.5 kΩ; Tamb = -40 °C to +105 °C.
[3]
JESD22-C101, JEDEC Standard Field induced charge device model test method.
[4]
Depending on appropriate thermal resistance of the package.
13 Recommended operating conditions
The SE050 is characterized by its specified operating supply voltage range of 1.62 V to
3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN, VCC
Supply voltage
Nominal supply voltage 1.62
1.8
3.6
[1]
V
Table 9. Recommended operating conditions
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
14 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com