Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors SE050 Datasheet HTML 14Page - NXP Semiconductors SE050 Datasheet HTML 15Page - NXP Semiconductors SE050 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
7 Pinning information
7.1 Pinning
7.1.1 Pinning HX2QFN20
aaa-031924
terminal 1
index area
Transparent top view
15
14
13
12
11
VOUT
ISO 7816 RST_N
ISO 7816 CLK
VIN
ENA
1
2
3
4
5
ISO 14443 LB
n.c.
ISO 7816 IO1
n.c.
n.c.
SE050
Figure 4. Pin configuration for HX2QFN20 (SOT1969-1)
Note: Terminal 1 index area is marked on the bottom with a notch on the center pad and
on the top with a printed dot.
Symbol
Pin
Description
ISO 14443 LB
1
ISO14443 Antenna Connection, if not used connect to VSS
n.c.
2
not connected
ISO 7816 IO1
3
ISO 7816 IO or I2C controller SDA, if not used n.c (recommended) or connect
to VCC
n.c.
4
not connected
n.c.
5
not connected
n.c.
6
not connected
n.c.
7
not connected
n.c.
8
not connected
I2C_SDA
9
I2C target data, if not used n.c.
I2C_SCL
10
I2C target clock, if not used n.c.
ENA
11
Deep Power-down mode enable, if not used then connect to VCC
VIN
12
power supply voltage input for I2C pads and ISO 7816/14443 interface and
logic supply in case Deep Power-down mode is used
Table 5. Pin description HX2QFN20
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
12 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com