Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors SE050 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
• CPU registers keep their contents
• RAM keeps its contents
The SE050 enters into Power-down mode by receiving "End of APDU session request"
via the T=1 over I2C protocol. In Power-down mode, all internal clocks are frozen. The
IOs hold the logical states they had at the time Power-down mode was activated.
To exit from the Power-down mode an external interrupt edge must be triggered by a
falling edge on I2C_SDA2.
5.2 Deep Power-down mode
The SE050 provides a special power-saving mode offering maximum power saving. This
mode is activated by pulling enable PIN (ENA) to a logic zero level.
While in Deep Power-down mode the internal power and VOUT is switched off completely
and only the I2C pads stay supplied.
To leave the Deep Power-down mode pad ENA has to be pulled up to to a logic „1" level.
For usage of Deep Power-down mode the SE050 must be supplied via pin VIN and pin
VCC needs to be supplied by pin VOUT.
6 Ordering information
6.1 Ordering options
12NC
Type number
SE050 Variant
Orderable part number
9354 343 82472
SE050E2HQ1/Z01Z3
SE050E2
SE050E2HQ1/Z01Z3Z
9354 284 44472
SE050F2HQ1/Z018H
SE050F2
SE050F2HQ1/Z018HZ
9353 867 22472
SE050A1HQ1/Z01SG
SE050A1
SE050A1HQ1/Z01SGZ
9353 869 84472
SE050A2HQ1/Z01SH
SE050A2
SE050A2HQ1/Z01SHZ
9354 015 87472
SE050D2HQ1/Z01PA
SE050D2
SE050D2HQ1/Z01PAZ
9353 869 85472
SE050B1HQ1/Z01SE
SE050B1
SE050B1HQ1/Z01SEZ
9353 869 86472
SE050B2HQ1/Z01SF
SE050B2
SE050B2HQ1/Z01SFZ
9353 869 87472
SE050C1HQ1/Z01SC
SE050C1
SE050C1HQ1/Z01SCZ
9353 869 88472
SE050C2HQ1/Z01SD
SE050C2
SE050C2HQ1/Z01SDZ
Table 3. SE050 Ordering information
12NC
Type number
Description
9354 332 66598
OM-SE050ARD-E
SE050 Arduino-compatible development kit,
SE050E configuration
Table 4. SE050 Ordering information for development kit
2
In case ISO7816 is enabled a reset signal on RST_N exits the Power-down mode. After wake-up from
Power-down mode via RST_N the device is in idle mode (see Table 12)
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
10 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com