Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 5 Page - NXP Semiconductors

  SE050 Datasheet HTML 1Page - NXP Semiconductors SE050 Datasheet HTML 2Page - NXP Semiconductors SE050 Datasheet HTML 3Page - NXP Semiconductors SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Categories
Subcategory
Value
3DES
2K, 3K
RSA
RSA cipher for de-/encryption (up to
4096 bit)
ECC NIST (192 to 521 bit)
Brainpool (160 to 512 bit)
Twisted Edwards Ed25519 /
Montgomery Curve25519
Koblitz (192 to 256 bit)
Crypto curves
ECC
Montgomery (Curve448) [Goldilocks][1]
User memory
50 kB
TRNG
NIST SP800-90B, AIS31
DRBG
NIST SP800-90A, AIS20
Memory reliability
up to 100 Mio write cycles / 25 years
Interfaces
I2C Target
High-speed mode (3.4 Mbps)
I2C Controller
Fast Mode (400 kbit/s)
Contactless
ISO14443-A PICC
Power saving modes
Power-Down (with state retention)
< 500µA
Deep Power-Down (no state retention) <5 µA
Standard
-25 - 85 °C, see Naming Conventions
Temperature
Extended
-40 - +105 °C, see Naming Conventions
Packaging
Plastic QFN
3x3 mm (HX2QFN20)
Table 2. Feature Overview...continued
[1]
New feature of the new generation of SE050 product family.
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
5 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com