Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 24Page - NXP Semiconductors SE050 Datasheet HTML 25Page - NXP Semiconductors SE050 Datasheet HTML 26Page - NXP Semiconductors SE050 Datasheet HTML 27Page - NXP Semiconductors SE050 Datasheet HTML 28Page - NXP Semiconductors SE050 Datasheet HTML 29Page - NXP Semiconductors SE050 Datasheet HTML 30Page - NXP Semiconductors SE050 Datasheet HTML 31Page - NXP Semiconductors SE050 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Tables
Tab. 1.
SE050 commercial name format .......................2
Tab. 2.
Feature Overview ..............................................4
Tab. 3.
SE050 Ordering information ............................10
Tab. 4.
SE050 Ordering information for
development kit ............................................... 10
Tab. 5.
Pin description HX2QFN20 ............................. 12
Tab. 6.
Marking codes .................................................13
Tab. 7.
Reel packing options .......................................14
Tab. 8.
Limiting values ................................................ 14
Tab. 9.
Recommended operating conditions ...............14
Tab. 10. Electrical DC characteristics of Input/
Output: IO1/IO2. Conditions: VCC = 1.62 V
to 3.6 V (see ; VSS = 0 V; Tamb = -40 °C to
+ 105 °C, unless otherwise specified .............. 15
Tab. 11. Electrical DC characteristics of I2C pads
SDA, SCL. Conditions: VCC, VIN = 1.62 V
to 3.6 V; VSS = 0 V; Tamb = -40 °C to +
105 °C, unless otherwise specified* ................19
Tab. 12. Electrical characteristics of IC supply
voltage VCC; VSS = 0 V; Tamb = -40 °C to
+105 C ........................................................... 19
Tab. 13. Non-volatile memory timing characteristics ..... 20
Tab. 14. Electrical AC characteristics of I2C_SDA,
I2C_SCL, and RST_N; VCC = 1.8 V ±
10 % or 3 V ± 10 % V; VSS = 0 V; Tamb =
-40 °C to + 105 °C ..........................................20
Tab. 15. Electrical AC characteristics of IO1, IO2,
CLK and RST_N (ISO7816 interface) ............. 21
Tab. 16. Electrical AC characteristics of LA, LB;
Conditions: Tamb = -40 °C to 105 °C,
unless otherwise specified .............................. 22
Tab. 17. I2C Bus Timing Specification .......................... 24
Tab. 18. Abbreviations ...................................................25
Tab. 19. Revision history ...............................................28
Figures
Fig. 1.
SE050 solution block diagram ...........................2
Fig. 2.
SE050 functional diagram ................................. 6
Fig. 3.
target address ................................................... 9
Fig. 4.
Pin configuration for HX2QFN20
(SOT1969-1) ....................................................12
Fig. 5.
Characteristic supply voltage operating
range ............................................................... 15
Fig. 6.
Input characteristic of RST_N ......................... 17
Fig. 7.
Input characteristic of IO1/IO2 ........................ 18
Fig. 8.
Input characteristic of CLK when the IC is
not in reset ......................................................18
Fig. 9.
Input characteristic of CLK during IC reset ......18
Fig. 10.
External clock drive and AC test timing
reference points of I2C_SDA, I2C_SCL,
and RST_N (see 1) and 2)) in open-drain
mode ............................................................... 21
Fig. 11.
I2C Bus Timings ..............................................23
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
31 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com