| Electronic Components Datasheet Search |
|
SE050 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SE050 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 32 page ![]() NXP Semiconductors SE050 Plug & Trust Secure Element 3 Functional description 3.1 Functional diagram aaa-034211 EdgeLock™ SE050 ENABLEMENT EDGELOCK SE050 API PLUG AND TRUST MIDDLEWARE loT APPLET JAVA CARD OPERATING SYSTEM HARDWARE EDGELOCK 2GO AGENT USE CASE BASED EXAMPLE CODES, pyCLI TOOL Android, Linux, FreeRTOS, Zephyr Linux, Windows®, macOS® PRE- INTEGRATION TO MAIN OS AND MCU, MPU Dev Environments: Arm mbed TLS OpenSSL PKCS11 Arm PSA Crypto API Matter Qi 1.3 Auth. Android KeyMaster TPM-TSS OPC-UA Figure 2. SE050 functional diagram The SE050 uses I2C as communication interface. Section 4 gives more details. The SE050 commands are wrapped using the Smartcard T=1 over I²C (T=1o I2C) protocol. The detailed documentation of the SE050 commands (see [3]) and T=1 over I2C protocol encapsulation is available on [1]. In order to simplify the product usage a host library which abstracts for SE050 commands and T=1 over I2C protocol encapsulation is provided. The host library supporting various platforms is available for download including complete source code on the SE050 website. SE050 IoT applet features a generic file system capable of securely storing secure objects and associated privilege management. All objects can either be stored in persistent memory or in RAM with the capability to securely export and import them to be stored in an externally provided storage. All secure objects feature basic file operations such as write, read, delete and update. 3.1.1 Random number generator The SE050 IoT Applet provides random numbers using an AIS20 compliant pseudo random number generator (PRNG) with class DRG.3 generator initialized by a TRNG compliant to SP800-90B class PTG.2. The PRNG is implemented according to NIST SP800-90A. 3.1.2 Supported secure object types A secure object is an entry in the file system of SE050. Each secure object has certain features and capabilities. The following secure object types are available (for more details on the objects refer to [3]): SE050 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product data sheet Rev. 3.5 — 22 August 2022 504935 6 / 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |