Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 18Page - NXP Semiconductors SE050 Datasheet HTML 19Page - NXP Semiconductors SE050 Datasheet HTML 20Page - NXP Semiconductors SE050 Datasheet HTML 21Page - NXP Semiconductors SE050 Datasheet HTML 22Page - NXP Semiconductors SE050 Datasheet HTML 23Page - NXP Semiconductors SE050 Datasheet HTML 24Page - NXP Semiconductors SE050 Datasheet HTML 25Page - NXP Semiconductors SE050 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Conditions: VCC = 1.8 V ± 10 % or 3 V ± 10 % V; VSS = 0 V; Tamb = -40 °C to +105 °C, unless otherwise specified. Typical
values are only referenced for information. They are subject to change without notice.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
[3]
[2]
0.25 x
tIOWx_min
μs
tfIO
I/O Input fall time
Input/reception mode
[1]
[2]
1
μs
[3]
[2]
0.25 x
tIOWx_min
μs
trOIO
I/O Output rise time
Output/transmission mode; CL
= 30 pF
[2]
0.1
μs
tfOIO
I/O Output fall time
Output/transmission mode; CL
= 30 pF
[2]
0.1
μs
Inputs: CLK and RST_N
fCLK
External clock frequency
in ISO/IEC 7816 UART
applications
tCLKW, tamb and VCC in their
specified limits
[4]
0.85
11.5
MHz
tCLKW
Clock pulse width i.r.t. clock
period (positive pulse duty
cycle of CLK)
40
60
%
trCLK
CLK input rise time
[5]
[6]
tfCLK
CLK input fall time
[2]
[6]
[6]
trRST
RST_N input rise time
[2]
400
μs
tfRST
RST_N input fall time
[2]
[7]
400
μs
Table 15. Electrical AC characteristics of IO1, IO2, CLK and RST_N (ISO7816 interface)...continued
[1]
At minimum IO1 input signal HIGH or LOW level voltage pulse width of 3.2 μs. This timing specification applies to ISO7816 configurations down to a
minimum etu duration of 16 CLK cycles at a maximum CLK frequency of 5 MHz (TA1=0x96, (Fi/Di)=(512/32)), for example.
[2]
tr is defined as rise time between 10 % and 90 % of the signal amplitude.
[3]
At minimum IO1 input signal HIGH or LOW level voltage pulse width of less than 3.2 μs. This timing specification applies to ISO7816 configurations
beyond the conditions listed in note [2], down to a minimum etu duration of 8 CLK cycles at a maximum CLK frequency of 5 MHz (TA1=0x97, (Fi/
Di)=(512/64)), for example. An 8 CLKs/etu @ fclk = 5 MHz configuration results in tIOWx_min = 1.6 μs, and in a time of 400 ns for trIO_max and tfIO_
max, matching the (Fi/Di)=(512/64) speed enhancement requirements of ETSI TS 102 221.
[4]
ISO/IEC 7816 I/O applications have to supply a clock signal to input CLK in the frequency range of 1 MHz to 10 MHz nominal. A ± 15 % tolerance range
yields the allowed limits of 0.85 MHz and 11.5 MHz.
[5]
During AC testing the inputs CLK, RST_N, and IO1 are driven at 0 V to +0.3 V for a LOW input level and at VCC − 0.3 V to VCC for a HIGH input level.
Clock period and signal pulse (duty cycle) timing is measured at 50 % of VCC, see Figure 18.
[6]
The maximum CLK rise and fall time is 10 % of the CLK period 1/fCLK - with the following exception: In the CLK frequency range of 1 MHz to 5 MHz the
maximum allowed CLK rise and fall time is 50 ns, if 10 % of the CLK period is shorter than 50 ns.
[7]
The ETSI TS102 221/GSM 11.1x specifications specify a maximum reset signal (RST_N) rise time and fall time of 400,000 μs, respectively.
Note: tf is defined as fall time between 90 % and 10 % of the signal amplitude.
Conditions: Tamb = -25 °C to +85 °C, unless otherwise specified.
Symbol Parameter
Conditions
Typ[1]
Max
Unit
Input/Output: LA, LB
Table 16. Electrical AC characteristics of LA, LB; Conditions: Tamb = -40 °C to 105 °C, unless otherwise
specified
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
22 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com