Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 13Page - NXP Semiconductors SE050 Datasheet HTML 14Page - NXP Semiconductors SE050 Datasheet HTML 15Page - NXP Semiconductors SE050 Datasheet HTML 16Page - NXP Semiconductors SE050 Datasheet HTML 17Page - NXP Semiconductors SE050 Datasheet HTML 18Page - NXP Semiconductors SE050 Datasheet HTML 19Page - NXP Semiconductors SE050 Datasheet HTML 20Page - NXP Semiconductors SE050 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
In Table 10 VCC means for IO1 voltage on VCC pin, for IO2 voltage on VIN pin
Maximum supported supply voltage is 6 V. In case of supply voltages above 3.6 V, Deep Power-down mode current <5 µA is
not guaranteed.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
-0.3 V ≤ VI < 0 V; -40 °C
≤ Tamb ≤
+30 °C
Test conditions: VI = -0.3
V;
VCC = VCC(max)Tamb=
+30 °C
-120
μA
IILILQ
Leakage input current at input
voltage below VSS (only in
"quasi-bidirectional"
mode)
-0.3 V ≤ VI < 0 V;+30 °C
≤ Tamb ≤
+105 °C
Test conditions: VI = -0.3
V;
VCC = VCC(max)Tamb=
+105 °C
-1000
μA
VOH
HIGH level output voltage
IOH = -20 μA;
[2]
0.7 VCC
V
VOL
LOW level output voltage
IOL = 1.0 mA
IOL = 0.5 mA
0.3
0.15 VCC
V
Table 10. Electrical DC characteristics of Input/Output: IO1/IO2. Conditions: VCC = 1.62 V to 3.6 V (see ; VSS = 0 V;
Tamb = -40 °C to + 105 °C, unless otherwise specified...continued
[1]
IO1/IO2 source a transition current when being externally driven from HIGH to LOW. This transition current (ITL) reaches its maximum value when the
input voltage VI is approximately 0.5 VCC. Current IIL is tested at input voltage VI= 0.3 V.
[2]
External pull-up resistor 20 kΩ to VCC assumed. The worst case test condition for parameter VOH is present at minimum VCC.
aaa-029327
0
0
-0.3 V
II
VI
VIH1min
VIL1max
IIL1maxu
IIH1maxu
IILI1maxI
IIHI1maxI
VCC
Figure 6. Input characteristic of RST_N
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
17 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com