Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 3Page - NXP Semiconductors SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
• Symmetric Key (AES, 3DES)
• ECC Key
• RSA Key
• HMAC Key
• Binary File
• User ID
• Counter
• Hash-Extend register
3.1.3 Access control
Each secure object can be linked to object specific access control policies. An access
control policy associates a user identified by an authentication with a set of privileges
such as read, write, …
To scale the functionality into a broad range of ecosystems, a set of different
authentication options is provided:
• User-ID based authentication
• Symmetric key based authentication with secure messaging
• Asymmetric key based authentication with secure messaging
At creation of a secure object, an optional set of policies is associated with that
secure object. Each policy assigns a set of allowed operations on that object to an
authentication object.
3.1.4 Sessions and multi-threading
The SE050 IoT applet is prepared for ecosystems where multi-threading and multi-tenant
use cases are needed on APDU level. To enable that, the applet supports 2 simultaneous
sessions that can span full secure messaging sessions, self-authenticated APDUs for
tenants not requiring long-lasting sessions and on top one default session for single
tenant use cases .
3.1.5 Attestation and trust provisioning
SE050 applet comes with a set of trust provisioned root credentials allowing the owner of
the device to securely attest all generated secure keys. Next to that, a customer has the
possibility to define own attestation keys.
Attestation certificates signed by an attestation CA are included in certain SE050
configurations as documented in [4].
3.1.6 Application support
For specific ecosystems, SE050 IoT applet has built-in crypto features to simplify the
deployment of specific use cases such as
• MIFARE SAM functionality
• Wifi password protection
• ECC-Key and RSA-Key based cloud connectivity
• Secure Sensor readout using I2C controller
• Remote attestation and trust provisioning
• Platform Configuration Registers
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
7 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com