Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 33 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 33 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 29Page - Allegro MicroSystems A31316 Datasheet HTML 30Page - Allegro MicroSystems A31316 Datasheet HTML 31Page - Allegro MicroSystems A31316 Datasheet HTML 32Page - Allegro MicroSystems A31316 Datasheet HTML 33Page - Allegro MicroSystems A31316 Datasheet HTML 34Page - Allegro MicroSystems A31316 Datasheet HTML 35Page - Allegro MicroSystems A31316 Datasheet HTML 36Page - Allegro MicroSystems A31316 Datasheet HTML 37Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
33
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Table 19: SENT Message Frame Definitions
Section
Description
Synchronization and Calibration
Function
Provide the external controller with a detectable start of the message frame. The large quantity of ticks distinguishes this
section for ease of distinction by the external controller.
Syntax
Nibbles: 1
Quantity of ticks: 56
Quantity of bits: 1
Status and Communication
Function
Provides the external controller with the status of the A31316 and indicates the format and contents of the Data section.
Syntax
Nibbles: 1
Quantity of ticks: 12 to 27
Quantity of bits: 4
1:0 Device status
3:2 Message serial data protocol
Data
Function
Provides the external controller with data selected by the sent_data_sel parameter.
Syntax
Nibbles: 3 to 6
Quantity of ticks: 12 to 27 (each nibble)
Quantity of bits: 4 (each nibble)
CRC
Function
Provides the external controller with cyclic redundancy check (CRC) data for certain error detection routines applied to the
Data nibbles and to the Status information.
Syntax
Nibbles: 1
Quantity of ticks: 12 to 27 (each nibble)
Quantity of bits: 4
Pause Pulse
Function
Additional time can be added at the end of a SENT message frame to ensure all message frames are of appropriate length
and correlate to the internal update rate of the device.
Syntax
Nibbles: N/A
Quantity of ticks: Varies
Quantity of bits: N/A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com