Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 16Page - Allegro MicroSystems A31316 Datasheet HTML 17Page - Allegro MicroSystems A31316 Datasheet HTML 18Page - Allegro MicroSystems A31316 Datasheet HTML 19Page - Allegro MicroSystems A31316 Datasheet HTML 20Page - Allegro MicroSystems A31316 Datasheet HTML 21Page - Allegro MicroSystems A31316 Datasheet HTML 22Page - Allegro MicroSystems A31316 Datasheet HTML 23Page - Allegro MicroSystems A31316 Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
20
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
rollover=round(28 ∙ (225°)/(360°))=160. The value for ang_sat_
rollover must be larger than 360°/ang_gain.
The behavior is summarized by the following equations:
Equation 13:
If ang_gain_sat_en = 0:
A2 = mod(A1 × ang_gain, 360)
Equation 14:
If ang_gain_sat_en = 1:
1
=⎩⎪⎨⎪
⎧ ang_gain× 1 for 1≤( 360°ang_gain
359.9945° for 360°ang_gain < 1≤
0° for 1>
)
(
)
ang_sat_rollover
ang_sat_rollover
As an example, the output function for a setting of ang_gain = 4,
ang_gain_sat_en = 1, and ang_sat_rollover = 225° is given in the
figure below:
0
90
180
270
360
0
90
180
270
360
A
2
Angle
post_gain_sat_val
A
1
Angle
Figure 9: Angle gain behavior over full rotation
with gain = 4 and output clamping enabled
As a second example, the output function for a setting of ang_
gain = 3 and ang_gain_sat_en = 0 is given below:
0
90
180
270
360
0
90
180
270
360
A
2
Angle
A
1
Angle
Figure 10: Angle gain behavior over full rotation
with gain = 3 and ang_gain_sat_en = 0
See section “Saturation Flag (SAT)” regarding the possible diag-
nostics for this block.
POST GAIN ANGLE OFFSET CORRECTION
After the Gain Block, there is an additional offset correction block
to allow full flexibility of angle programming. The user can option-
ally saturate the output of the Post Gain Angle Offset block or
allow to rollover using the EEPROM parameter ang_offs_sat_en.
Equation 15:
3
= mod(2+ang_post_gain_offs,360) forang_offs_sat_en=0
min(max(2+
ang_post_gain_offs,0),359.9945)forang_offs_sat_en=1
{
The range for ang_post_gain_offs is [–360 … 359.9890137] °
with a step size of 720° / 216 ≈ 0.010986328125°.
See section “Saturation Flag (SAT)” regarding the possible diag-
nostics for this block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com