Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 19Page - Allegro MicroSystems A31316 Datasheet HTML 20Page - Allegro MicroSystems A31316 Datasheet HTML 21Page - Allegro MicroSystems A31316 Datasheet HTML 22Page - Allegro MicroSystems A31316 Datasheet HTML 23Page - Allegro MicroSystems A31316 Datasheet HTML 24Page - Allegro MicroSystems A31316 Datasheet HTML 25Page - Allegro MicroSystems A31316 Datasheet HTML 26Page - Allegro MicroSystems A31316 Datasheet HTML 27Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
23
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
VARIABLE SEGMENT LINEARIZATION (LIN_MODE 2)
x_pos_00
x_pos_01
Y_val_01 ( value < 0 )
Y_val_00 ( value < 0 )
Figure 14: Variable Segment Linearization
In variable-segment linearization mode, between 2 and 22 output
correction points are positioned at user-selected positions. The
correction codes Y_val_xx are in signed 13-bit format and repre-
sent a correction using the format in the table below:
Table 7: Y_val_xx range depending on lin_coeff_scalar setting
lin_coeff_
scalar
Range (°)
Value for code
–4096 (°)
Value for code
+4095 (°)
Step size (°)
0
±45
+45
–44.99
90/213 ≈ 0.011
1
±90
+90
–89.98
180/213 ≈ 0.022
2
±180
+180
–179.96
360/213 ≈ 0.044
3
±360
+360
–359.91
720/213 ≈ 0.088
Most applications will have monotonically rising outputs. How-
ever, the sensor can support rising and falling outputs if needed.
The position codes X_pos_xx are in unsigned 6-bit format and
represent positions of 0° (X_pos_xx = 0) to 354.375° (X_pos_xx
= 63). The X values must be placed in a rising manner, so that the
value of X_pos(n+1) ≥ X_pos(n).
If the result of the linearization is outside the 0–360° range, the
value will be clipped to 0° or 360°. No overflow will happen in
the linearization block. This means that for rotary applications,
the 0° correction value and the 360° correction value must both
be set to 0.
For input values below the angle defined by the X_pos_00 value,
the linearization function will extrapolate the slope set by the first
two defined points. For input angles above the angle defined by
the last X_pos_xx value, the linearization function will extrapo-
late the slope set by the last two defined points. For input angles
between 354.375° and 360°, this will always happen, and there is
no other way to control the behavior in this area than by making
use of the extrapolation of the two previous points. The extrapo-
lating behavior is shown in Figure 13 for both low and high input
values
VARIABLE SEGMENT BINNING (LIN_MODE 3)
x_pos_00
x_pos_08
Y_val_00
Y_val_08
Figure 15: Variable Segment Binning
In variable-segment binning mode, between 2 and 21 bins are
equidistantly positioned between 0° and 360° input. The binning
output codes Y_val_xx are in unsigned 13-bit format and repre-
sent an output value of 0° (Y_val_xx = 0) and 359.96° (Y_val_xx
= 8191). Any value is mapped to the bin as an input angle below
that of the input, i.e. the bin that the output ends up in is the bin
whose X value is “to the left” of the measured angle. The param-
eter lin_coeff_scalar has no meaning in binning mode.
The position codes X_pos_xx are in unsigned 6-bit format and
represent positions between 0° (X_pos_xx = 0) and 354.375°
(X_pos_xx = 63). The X values must be placed in a rising manner,
so that the value of X_pos_(n+1) ≥ X_pos_(n).
If X_pos_00 does not define a bin at position 0°, a bin with X_pos
= 0°, Y_val = 0° will be automatically assumed.
LINEARIZATION/BINNING PARAMETER STORAGE
The individual linearization/binning parameters are stored in the
EEPROM parameters lin_coeff_00 … lin_coeff_32. Depend-
ing on the linearization/binning configuration, the contents of
these memory locations have different meanings. All modes and
EEPROM field contents are listed in Table 12. Parameters that
are not used for linearization may be used otherwise. The param-
eters lin_coeff_17 … lin_coeff_31 can be sent out through the
SENT enhanced serial message for certain constants (see Table
20). If they are used in this manner, the parameter coeff_active
must be set in such a way that these two usages do not interfere
(see Table 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com