Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A31316 Datasheet HTML 1Page - Allegro MicroSystems A31316 Datasheet HTML 2Page - Allegro MicroSystems A31316 Datasheet HTML 3Page - Allegro MicroSystems A31316 Datasheet HTML 4Page - Allegro MicroSystems A31316 Datasheet HTML 5Page - Allegro MicroSystems A31316 Datasheet HTML 6Page - Allegro MicroSystems A31316 Datasheet HTML 7Page - Allegro MicroSystems A31316 Datasheet HTML 8Page - Allegro MicroSystems A31316 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
Temperature Trim
Range
Optimized Field
Range
Channel A Channel B
Packing
A31316LUCHTN-XZ-S-SE-10
–40°C to 150°C
300 to 1000 gauss
X
Z
4,000 pieces per 13-in reel
A31316LUCHTN-XY-S-SE-10
–40°C to 150°C
300 to 1000 gauss
X
Y
4,000 pieces per 13-in reel
A31316LUCHTN-YZ-S-SE-10
–40°C to 150°C
300 to 1000 gauss
Z
Y
4,000 pieces per 13-in reel
Z
X
T
Magne�c Opera�ng Mode
S – Single Ended
Allegro Iden�fier
Ambient Opera�ng Temperature Range
L – -40°C to +150°C
Instruc�ons (Packing)
TN – 13-in. reel, 4,000 pieces/reel
Package Designa�on
UCH – UC-3, Single Die
Ac�ve Sensing Axes
XY
XZ
YZ
Factory Default Output Protocol
SE – SENT
L U C H
S
N
Allegro Device Number
E 1
Maximum Magne�c Flux Density
(Value × 100 gauss)
10 – 1,000 G
0
S
6
1
3
1
3
A
Device Configura�on Op�ons
-
- -
-
PART NUMBER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com