Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A31316 Datasheet HTML 1Page - Allegro MicroSystems A31316 Datasheet HTML 2Page - Allegro MicroSystems A31316 Datasheet HTML 3Page - Allegro MicroSystems A31316 Datasheet HTML 4Page - Allegro MicroSystems A31316 Datasheet HTML 5Page - Allegro MicroSystems A31316 Datasheet HTML 6Page - Allegro MicroSystems A31316 Datasheet HTML 7Page - Allegro MicroSystems A31316 Datasheet HTML 8Page - Allegro MicroSystems A31316 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC(absmax)
Supply is clamped with 20 V limit to GND
18
V
Reverse Supply Voltage
VRCC(absmax) Supply is clamped with –20 V limit to GND
–18
V
Forward VOUT-VCC Voltage
VOUT-CC(absmax)
VOUT is clamped with 20 V limit to VCC;
Note: There is no reverse VOUT-VCC clamp
18
V
Forward Output Voltage
VOUT(absmax) Output is clamped with 20 V limit to GND
18
V
Reverse Output Voltage
VROUT(absmax) Output is clamped with –10 V limit to GND
–6
V
Forward Supply Current
ICC
40
mA
Reverse Supply Current
IRCC
–30
mA
Output Current Limit
IOUT(SOURCE) VOUT shorted to GND
30
mA
IOUT(SINK)
VCC shorted to VOUT
–30
mA
Extended Operating Ambient
Temperature
TA(EXT)
Device will work within this temperature range, but
performance is not specified
–45 to 165
°C
Maximum Junction Temperature
TJ(MAX)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RϴJA
270
°C/W
*Additional thermal information available on the Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com