Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 48 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 48 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 44Page - Allegro MicroSystems A31316 Datasheet HTML 45Page - Allegro MicroSystems A31316 Datasheet HTML 46Page - Allegro MicroSystems A31316 Datasheet HTML 47Page - Allegro MicroSystems A31316 Datasheet HTML 48Page - Allegro MicroSystems A31316 Datasheet HTML 49Page - Allegro MicroSystems A31316 Datasheet HTML 50Page - Allegro MicroSystems A31316 Datasheet HTML 51Page - Allegro MicroSystems A31316 Datasheet HTML 52Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
48
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
EE_MARGIN_RESULT (BIT 5) RO (READ ONLY)
Indicates which limit the margin failed. When the margin testing
fails, this bit is set based on the fail condition.
• If ee_margin_result = ‘0’, Lower margin failed
• If ee_margin_result = ‘1’, Upper margin failed
EE_MARGIN_STATUS (BITS 4:3) RO
Indicates the current status of margin testing.
• If ee_margin_status = ‘00’, Test has not been run
• If ee_margin_status = ‘01’, Test has passed
• If ee_margin_status = ‘10’, Test has failed
• If ee_margin_status = ‘11’, Test is currently running
EE_MARGIN_MIN_DIS (BIT 2) R/W
Determines if the low margin testing will be performed or
skipped.
• If ee_margin_min_dis = ‘0’, Lower margin testing will be
performed when margin testing is run.
• If ee_margin_min_dis = ‘1’, Lower margin testing will not be
performed when margin testing is run.
EE_MARGIN_MAX_DIS (BIT 1) R/W
Determines if the high margin testing will be performed or
skipped.
• If ee_margin_max_dis = ‘0’, Upper margin testing will be
performed when margin testing is run.
• If ee_margin_max_dis = ‘1’, Upper margin testing will not be
performed when margin testing is run.
EE_MARGIN_START (BIT 0) R/W
Write to ‘1’ to begin the margin testing. This bit self-clears when
the margin testing finishes. If cleared during testing, the test will
end prematurely.
Volatile 0x85
LBIST_RESULT (BIT 5) RO
Indicates whether LBIST has passed or failed when run.
• If lbist_result = ‘0’, LBIST test failed
• If lbist_result = ‘1’, LBIST test passed
LBIST_STATUS (BIT 4) RO
Indicates when BIST test is finished.
• If lbist_status = ‘0’, BIST is not finished or not started
• If lbist_status = ‘1’, BIST has finished and lbist_result
contains valid results.
Volatile 0x86
MEMORY_ACCESS (BIT 1) RO
Set to ‘1’ when access code is successfully sent.
Volatile 0xA0
MANCH_EN (BIT 7) R/W
Disables the current device output and forces Manchester inter-
face to be active.
• If manch_en = ‘0’, Device is in normal operation mode and
will output based on EEPROM settings
• If manch_en = ‘1’, Device output is in High-Z mode, and
Manchester is active and waiting for commands.
Volatile 0xA1
LBIST_START (BITS 32:0) RO
Contains the calculated LBIST signature. This is internally
compared against the expected value to determine if there are any
internal logic failures.
Volatile 0xA3
OFE (BIT: 12) RO
Indicates when the oscillator frequency error has occurred. This
bit will NOT be asserted if the flag is masked.
SPE (BIT: 11) RO
Indicates when the shadow parity error has occurred. This bit will
NOT be asserted if the flag is masked.
EUE (BIT: 10) RO
Indicates when the EEPROM uncorrectable error has occurred.
This bit will NOT be asserted if the flag is masked.
OVCC (BIT: 9) RO
Indicates when the OVD error has occurred. This bit will NOT be
asserted if the flag is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com