Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 56 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 56 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 52Page - Allegro MicroSystems A31316 Datasheet HTML 53Page - Allegro MicroSystems A31316 Datasheet HTML 54Page - Allegro MicroSystems A31316 Datasheet HTML 55Page - Allegro MicroSystems A31316 Datasheet HTML 56Page - Allegro MicroSystems A31316 Datasheet HTML 57Page - Allegro MicroSystems A31316 Datasheet HTML 58Page - Allegro MicroSystems A31316 Datasheet HTML 59Page - Allegro MicroSystems A31316 Datasheet HTML 60Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
56
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
EEPROM 0x39 / Shadow 0x79
SENT_FRAME_RATE (BITS 23:22)
Sets the frame rate when using paused SENT.
sent_frame_rate
Frame Rate including pause pulse
0
3 data nibbles: frame length 210 ttick
4 data nibbles: frame length 228 ttick
6 data nibbles: frame length 282 ttick
1
0.5 ms
2
1.0 ms
3
2.0 ms
SENT_INIT_SEL (BITS 21:19)
Selects which data the SENT interface will transmit during the
initialization time. If no initialization time is selected this register
does nothing.
sent_init_sel
n-bit data Output
0
0
1
2n – 7
2
2n – 4
3
2n – 3
4
2n – 2
5
2n – 1
6
0
7
0
SENT_ENCODING_SEL (BIT 18)
Selects SENT data mapping for SENT configurations 0, 4, 7, and 15.
• If sent_encoding_sel = ‘0’, mapping is disabled, SENT will
output the data as it appears in the registers.
• If sent_encoding_sel = ‘1’, output SENT data is remapped per
the table below.
DATA Value
SENT Output
0
1
1 through 2n-8
Unchanged
>=2n-8
2n-8
SCN 1 Error flag
2n-5
SCN 2 Error flag
2n-6
Not Valid
0
* n is the number of bits in the data of the SENT packet.
** Not valid refers to the period of time after power up before the
SENT interface receives the first valid update from the signal path.
SENT_CRC_SEL (BIT 17)
Includes the SCN nibble in the CRC calculations when set.
SENT_EMSG_DIS (BIT 16)
Disables SENT serial message when set.
DIG_OUT_PULL_LIM_DIS (BIT 15)
Disables slew rate control when set.
DIG_OUT_PULL_LIM (BITS 14:12)
Selects the slew rate control for digital drivers.
DIG_OUT_DATA_RATE (BITS 11:7)
Selects the tick time if using SENT interface, or the period when
using the PWM interface.
SENT_DATA_SEL (BITS 6:3)
Selects the SENT data configuration.
DIG_COMM_ID (BIT 2)
Sets the device ID for Manchester communication protocol.
DIG_OUT_SEL (1:0)
Selects the output mode for digital interface devices.
dig_out_sel
Output Protocol
0
PWM
1
SENT
2
SENT with Pause Pulse
3
PWM
EEPROM 0x3A / Shadow 0x7A
SENT_EMSG_ERR_REPEAT (BIT 21)
Enables SENT message repeat when set.
SENT_EMSG_SEL (BITS 20:0)
Selects which EMSG messages will be sent.
EEPROM 0x3B / Shadow 7B
ENHANCED_SETTINGS_UNLOCK (BIT 25)
Enables write access to register 0x16 when set.
SPARE_0X3B (BITS 24:23)
Spare bits that can be used as non-volatile storage within the
device. This register has no effect on device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com