Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 13Page - Allegro MicroSystems A31316 Datasheet HTML 14Page - Allegro MicroSystems A31316 Datasheet HTML 15Page - Allegro MicroSystems A31316 Datasheet HTML 16Page - Allegro MicroSystems A31316 Datasheet HTML 17Page - Allegro MicroSystems A31316 Datasheet HTML 18Page - Allegro MicroSystems A31316 Datasheet HTML 19Page - Allegro MicroSystems A31316 Datasheet HTML 20Page - Allegro MicroSystems A31316 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
17
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
POLARITY CORRECTION
Equation 4:
3
={ 2 for chan_a_pol=0
− 2 for
chan_a_pol=1
3
= 2 for chan_b_pol=0
− 2 for
chan_b_pol=1
{
SENSITIVITY ADJUSTMENT
Equation 5:
CA4 = CA3 × chan_a_sens
CB4 = CB3 × chan_b_sens
The range for chan_(a/b)_sens is [0 … 7.9995], with a resolution of 2-11 = 4.88e-04. The default value is 2048, resulting in a gain of 1.
SENSITIVITY CORRECTION OVER TEMPERATURE
Equation 6:
5
= 4×(1+chan_a_sens_tc1_cold (0−25° )+chan_a_sens_tc2_cold (0−25° )2)
4
×(1+
chan_a_sens_tc1_hot (0−25° )+chan_a_sens_tc2_hot (0−25° )2) Temperature<25°
Temperature≥25°
5
= 4×(1+chan_b_sens_tc1_cold (0−25° )+chan_b_sens_tc2_cold (0−25° )2)
4
×(1+
chan_b_sens_tc1_hot (0−25° )+chan_b_sens_tc2_hot (0−25° )2) Temperature<25°
Temperature≥25°
{
{
××××
××××
The range for chan_x_sens_tc1_cold is [–2–7 … (2–7 – 2–17)] = –0.0078 … +0.0078 with a resolution of 2–17 = 7.63e–06[1/K]
The range for chan_x_sens_tc1_hot is [–2–8 … (2–8 – 2–18)] = –0.0039 … +0.0039 with a resolution of 2–18 = 3.81e–06[1/K]
The range for chan_x_sens_tc2_cold is [–2–14 … (2–14 – 2–23)] = –6.10e–05… +6.09e–05 with a resolution of 2–23 = 1.19e–07[1/K2]
The range for chan_x_sens_tc2_hot is [–2–16 … (2–16 – 2–25)] = –1.53e–05… +1.52e–05 with a resolution of 2–25 = 2.98e–08[1/K2]
CUSTOMER OFFSET CORRECTION
Equation 7:
CA6 = CA5 + chan_a_offs
CB6 = CB5 + chan_b_offs
The range for chan_b_offs is –32768 … +32764 with a resolution of 4 LSB.
CUSTOMER OFFSET CORRECTION OVER TEMPERATURE
Equation 8:
7
= 6+chan_a_offs_tc1_cold×(0−25° )
6
+
chan_a_offs_tc1_hot ×(0−25° ) Temperature<25°
Temperature≥25°
7
= 6+chan_b_offs_tc1_cold×(0−25° )
6
+
chan_b_offs_tc1_hot ×(0−25° ) Temperature<25°
Temperature≥25°
{
{
The range for chan_x_offs_tc1_cold is [–128 … +127.9375] LSB/K with a resolution of 2–4 = 0.0625 LSB/K
The range for chan_x_offs_tc1_hot is [–256 … +255.875] LSB/K with a resolution of 2–3 = 0.125 LSB/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com