Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 6Page - Allegro MicroSystems A31316 Datasheet HTML 7Page - Allegro MicroSystems A31316 Datasheet HTML 8Page - Allegro MicroSystems A31316 Datasheet HTML 9Page - Allegro MicroSystems A31316 Datasheet HTML 10Page - Allegro MicroSystems A31316 Datasheet HTML 11Page - Allegro MicroSystems A31316 Datasheet HTML 12Page - Allegro MicroSystems A31316 Datasheet HTML 13Page - Allegro MicroSystems A31316 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
INTERFACE CHARACTERISTICS: Valid for all electrical and device requirements ranges and |BIN| ≥ 300 G,
unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Broken Wire Response Time
tBW
Time after VCC – GND = 0.2 V, either VCC or GND
wire broken
–
–
500
µs
Diagnostic Voltage Ranges
VSATDIAG(HIGH) VCC = 5 V
RL = 3.3 kΩ
94
98
100
%VCC
RL = 5 kΩ
96
98
100
%VCC
RL = 10 kΩ
97
98
100
%VCC
VSATDIAG(LOW) VCC = 5 V
RL = 3.3 kΩ
0
2
6
%VCC
RL = 5 kΩ
0
2
4
%VCC
RL = 10 kΩ
0
2
3
%VCC
High-Z Leakage
Ileak(Hi-Z)
Device in High-Z mode, output shorted to GND or
VCC
–10
–
10
µA
Filter Step Response Time
tRESP
bw_sel = 5, time to 90% response to step
–
396
450
µs
Angle Update Rate
tUPDATE
Valid for all bandwidth settings
14.72
16
17.28
µs
MANCHESTER INTERFACE SPECIFICATIONS
Manchester Input Thresholds [3]
Vtrig(H)
VOUT rising, dig_comm_input_high = '0'
1.800 1.980
2.160
V
VOUT rising, dig_comm_input_high = '1'
2.185 2.365
2.540
V
Vtrig(L)
VOUT falling, dig_comm_input_low = '0'
0.830 0.990
1.155
V
VOUT falling, dig_comm_input_low = '1'
1.385 1.640
1.905
V
Vtrig(hys)
dig_comm_input_high = '0', dig_comm_input_low
= '0'
0.815 0.985
1.150
V
dig_comm_input_high = '0', dig_comm_input_low
= '1'
0.160 0.335
0.525
V
dig_comm_input_high = '1', dig_comm_input_low
= '0'
1.155 1.380
1.605
V
dig_comm_input_high = '1', dig_comm_input_low
= '1'
0.495 0.725
0.995
V
Manchester Communication
Speed [3]
fMAN
Manchester input bit rate (from host to sensor)
4.0
–
100
kbps
Manchester output bit rate with 100 nF load
(device responds at the input bit rate)
4.0
–
8 [1]
kbps
SENT INTERFACE SPECIFICATIONS
SENT Tick Time
tTICK
Valid for all SENT Modes, dig_out_data_rate = '0'
2.76
3
3.24
µs
Valid for all SENT Modes, range of selectable tick
times [2]
0.25
–
10
µs
SENT Tick Time Tolerance
TOLTICK
Valid for all selectable tick times
–8
–
8
%
SENT Output Resolution
Based on sent_data_sel
12
–
16
bits
SENT Output Saturation Voltage
VSAT(LOW)
Output current = –4.7 mA, VCC = 5 V, output FET
on
–
–
0.55
V
SENT Output Load Capacitance
CL
0
–
1
nF
SENT Output Load Resistance
RL(PULLUP)
Output Current ≥ –10 mA
3.3
–
–
kΩ
SENT Output Low Voltage [3]
VOL
Low state voltage with 0.52 mA DC load current
–
–
0.5
V
SENT Output High Voltage [3]
VOH
High state voltage with 0.1 mA DC load current
4.1
–
–
V
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com