Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 18Page - Allegro MicroSystems A31316 Datasheet HTML 19Page - Allegro MicroSystems A31316 Datasheet HTML 20Page - Allegro MicroSystems A31316 Datasheet HTML 21Page - Allegro MicroSystems A31316 Datasheet HTML 22Page - Allegro MicroSystems A31316 Datasheet HTML 23Page - Allegro MicroSystems A31316 Datasheet HTML 24Page - Allegro MicroSystems A31316 Datasheet HTML 25Page - Allegro MicroSystems A31316 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
22
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FIXED SEGMENT LINEARIZATION (LIN_MODE 0)
Y_val_01 ( value < 0 )
Y_val_03 ( value < 0 )
Y_val_13 ( value > 0 )
Figure 12: Fixed-Segment Linearization
In fixed-segment linearization mode, between 2 and 33 output
correction points are equidistantly positioned between 0° and
360° input. The correction codes Y_val_xx are in signed 13-bit
format and represent a correction using the format in the table
below:
Table 6: Y_val_xx range depending on lin_coeff_scalar set-
ting
lin_coeff_
scalar
Range (°)
Value for
code –4096 (°)
Value for code
+4095 (°)
Step size (°)
0
±45
+45
–44.99
90/213 ≈ 0.011
1
±90
+90
–89.98
180/213 ≈ 0.022
2
±180
+180
–179.96
360/213 ≈ 0.044
3
±360
+360
–359.91
720/213 ≈ 0.088
Most applications will have monotonically rising outputs. How-
ever, the sensor can support rising and falling outputs if needed.
If the result of the linearization is outside the 0–360° range, the
value will be clipped to 0° or 360°. No overflow will happen in
the linearization block. This means that for rotary applications,
the 0° correction value and the 360° correction value must both
be set to 0
FIXED SEGMENT BINNING (LIN_MODE 1)
Y_val_01
Y_val_11
Fixed segment binning (lin_mode 1)
Figure 13: Fixed-Segment Binning
In fixed-segment binning mode, between 2 and 33 bins are equi-
distantly positioned between 0° and 360° input. The binning out-
put codes Y_val_xx are in unsigned 13-bit format and represent
an output value of 0° (Y_val_xx = 0) and 359.96° (Y_val_xx =
8191). Any value is mapped to the bin with a lower value than the
input. The parameter lin_coeff_scalar has no meaning in binning
mode. The Y_val_xx values do not need to be in any special order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com