Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 24Page - Allegro MicroSystems A31316 Datasheet HTML 25Page - Allegro MicroSystems A31316 Datasheet HTML 26Page - Allegro MicroSystems A31316 Datasheet HTML 27Page - Allegro MicroSystems A31316 Datasheet HTML 28Page - Allegro MicroSystems A31316 Datasheet HTML 29Page - Allegro MicroSystems A31316 Datasheet HTML 30Page - Allegro MicroSystems A31316 Datasheet HTML 31Page - Allegro MicroSystems A31316 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
28
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SENT Sampling Time
The SENT output data is sampled 33 ticks prior to the start of
the SCN nibble. If beginning a new serial message, it is also
composed at this time. This is detailed in Figure 19. In the figure,
Data 1 and Data 5 are sent out. Others are discarded.
33 tTICK
sync
SCN Data nibbles CRC
Pause (op�onal)
sync
SCN
CRC
Pause (op�onal)
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Tupdate
Internal sample �me of the sensor.
Sample �me of the SENT serial message, SCN, and data nibbles.
Serial message is only sampled a�er previous serial message was sent.
Registers
SENT output
Data 0
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
Data 7
Data 8
Data 9
Data nibbles
33 tTICK
Figure 20: SENT Frame Sample Timing
SENT Output Rate
The SENT output rate depends on the SENT mode. In regular
SENT, the frame length is defined by the frame contents. Using
SENT-Pause, the frame length is constant. The length of the
frames can be selected. There are four options for the frame
length settings. Using sent_frame_rate = 0, the shortest possible
pause-pulse that can achieve a fixed frame duration is used, with
the calculation shown in the table below. Using the options sent_
frame_rate = 1, 2 or 3, a fixed frame rate, measured in ms rather
than ticks, can be selected. Settings are detailed in Table 16.
Table 12: SENT frame duration, depending on
sent_frame_rate
sent_frame_rate
Frame rate including pause pulse
0
3 data nibbles: frame length 210 ttick
4 data nibbles: frame length 228 ttick
6 data nibbles: frame length 282 ttick
1
0.5 ms
2
1.0 ms
3
2.0 ms
The output behavior for correct frame rate configurations can be
seen in Figure 210 below:
Selected frame length
SENT output
Selected frame length
sync
SCN Data nibbles CRC
Pause
sync
SCN Data nibbles CRC
Pause
Start request for the SENT serial message
Figure 21: SENT frame start depending on selected frame rate
If the frame rate is configured to be so high that a message is not
finished before the intended start of the next one, the start request
is discarded. Such a setting is shown in Figure 221.
Selected frame length
Start request for the SENT serial message
SENT output
sync
SCN Data nibbles CRC
Pause
sync
SCN Data nibbles CRC
Pause
Selected frame length
Selected frame length
Selected frame length
Figure 22: SENT frame start depending on selected frame rate, with sent_frame_rate defining a too fast frame rate setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com