Electronic Components Datasheet Search
  English  ▼

X  

A31316 Datasheet(PDF) 25 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 25 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 21Page - Allegro MicroSystems A31316 Datasheet HTML 22Page - Allegro MicroSystems A31316 Datasheet HTML 23Page - Allegro MicroSystems A31316 Datasheet HTML 24Page - Allegro MicroSystems A31316 Datasheet HTML 25Page - Allegro MicroSystems A31316 Datasheet HTML 26Page - Allegro MicroSystems A31316 Datasheet HTML 27Page - Allegro MicroSystems A31316 Datasheet HTML 28Page - Allegro MicroSystems A31316 Datasheet HTML 29Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
25
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
NUMBER OF LINEARIZATION / BINNING POINTS
All modes have a configurable number of activated linearization/
binning points. The number of active points is selected with the
parameter coeff_active:
Table 9: Linearization / binning mode parameters used
depending on coeff_active
coeff_active
setting
Number of Active Coefficients
lin_sel 0
fixed segment
linearization
lin_sel 1
fixed segment
binning
lin_sel 2
variable segment
linearization
lin_sel 3
variable segment
binning [2]
0
33
32
2
1 [1]
1
17
16
2
2
2
9
8
3
3
3
5
4
4
4
4
3
2
5
5
5
2
1 [1]
6
6
6
2
1 [1]
7
7
7
2
1 [1]
8
8
8
2
1 [1]
9
9
9
2
1 [1]
10
10
10
2
1 [1]
11
11
11
2
1 [1]
12
12
12
2
1 [1]
13
13
13
2
1 [1]
14
14
14
2
1 [1]
15
15
15
2
1 [1]
16
16
16
2
1 [1]
17
17
17
2
1 [1]
18
18
18
2
1 [1]
19
19
19
2
1 [1]
20
20
20
2
1 [1]
21
21
21...31
2
1 [1]
22
21
[1]
Single coefficient settings for binning mode serve no practical purpose. The output will
always be equal to the set value.
[2]
In lin_sel = 3, if X_pos_00 does not define a bin at position 0°, a bin with X_pos = 0°, Y_val =
0° will be automatically assumed.
BINNING MODE HYSTERESIS
To prevent chattering around the transition threshold between
the bins, the A31316 contains internal hysteresis control in bin-
ning mode. The bin_hyst parameter will establish the hysteresis
in codes below the threshold, which the input into the binning
block must pass before changing to the lower bin. This prevents
expected noise and drift from changing the desired output bin for
the designated output range. The binning hysteresis is controlled
using the parameter bin_hyst. The default value of bin_hyst = 0
results in no hysteresis being applied.
The range for bin_hyst is [0… 11.162109375]° with a step size of
11.25° / 27 = 0.087890625°.
Output Clamps
The A31316 contains a digital clamp feature that can clamp the
digital output range of the device. These high and low clamps are
both programmable to the entire output range of the device. If the
input to the clamp block exceeds the upper clamp value, the out-
put is set to the upper clamp value. Similarly, if the input to the
clamp block is less than the lower clamp value, the output is set
to the lower clamp value. If high and low clamp value are equal,
the output will equal the clamp value. This can be practical for
testing purposes. If the low clamp value is set to a higher value
than the high clamp value, the output will equal the low clamp
number. This configuration has no practical use.
Equation 17:
A6 = max(ang_clamp_lower, min(ang_clamp_upper, A5 ) )
The range for ang_clamp_upper is [0 … 65535] LSB with a step
size of 1 LSB.
The range for ang_clamp_lower is [0 … 65535] LSB with a step
size of 1 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com