Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 33 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 29Page - Texas Instruments AM69AX Datasheet HTML 30Page - Texas Instruments AM69AX Datasheet HTML 31Page - Texas Instruments AM69AX Datasheet HTML 32Page - Texas Instruments AM69AX Datasheet HTML 33Page - Texas Instruments AM69AX Datasheet HTML 34Page - Texas Instruments AM69AX Datasheet HTML 35Page - Texas Instruments AM69AX Datasheet HTML 36Page - Texas Instruments AM69AX Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AJ32
EXT_REFCLK1
PADCFG:
PADCONFIG_50
0x0011C0C8
EXT_REFCLK1
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP4_ACLKX
1
IO
VOUT0_DATA16
2
O
HYP1_TXFLDAT
3
I
MCAN1_RX
4
I
GPMC0_AD6
6
IO
GPIO0_50
7
IO
SYNC1_OUT
9
O
TRC_CLK
10
O
UART2_RTSn
11
O
CPTS0_HW2TSPUSH
12
I
I2C1_SDA
13
IOD
UART3_TXD
14
O
AL32
GPIO0_11
PADCFG:
PADCONFIG_11
0x0011C02C
MCAN17_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA18
2
O
GPMC0_A14
6
OZ
GPIO0_11
7
IO
SPI7_CS3
8
IO
TRC_DATA25
10
O
GPMC0_CSn2
12
O
UART7_RXD
13
I
USB0_DRVVBUS
14
O
AK37
GPIO0_12
PADCFG:
PADCONFIG_12
0x0011C030
MCAN12_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA17
2
O
HYP1_RXFLDAT
3
O
VOUT0_DATA22
5
O
GPMC0_AD4
6
IO
GPIO0_12
7
IO
SPI6_CLK
8
IO
EQEP1_I
9
IO
TRC_DATA2
10
O
UART9_CTSn
11
I
UART6_RXD
12
I
AN36
I2C0_SCL
PADCFG:
PADCONFIG_56
0x0011C0E0
I2C0_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
7
VDDSHV0
Yes
I2C OPEN
DRAIN
No
GPIO0_56
7
IO
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com