Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 96 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments AM69AX Datasheet HTML 94Page - Texas Instruments AM69AX Datasheet HTML 95Page - Texas Instruments AM69AX Datasheet HTML 96Page - Texas Instruments AM69AX Datasheet HTML 97Page - Texas Instruments AM69AX Datasheet HTML 98Page - Texas Instruments AM69AX Datasheet HTML 99Page - Texas Instruments AM69AX Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 299 page
background image
Table 6-14. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C3_SCL
IOD
I2C Clock
AC38, AF38
I2C3_SDA
IOD
I2C Data
AA32, AE36
Table 6-15. I2C4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C4_SCL
IOD
I2C Clock
AA33, AG33, AG38
I2C4_SDA
IOD
I2C Data
AB34, AH33, AK34
Table 6-16. I2C5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C5_SCL
IOD
I2C Clock
AC33, AG34
I2C5_SDA
IOD
I2C Data
AH37, AK36
Table 6-17. I2C6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C6_SCL
IOD
I2C Clock
AB36, AN37
I2C6_SDA
IOD
I2C Data
AB38, AR38
6.3.4.2 MCU Domain
Table 6-18. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
M35
MCU_I2C0_SDA
IOD
I2C Data
G34
Table 6-19. MCU_I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_I2C1_SCL
IOD
I2C Clock
L35, L37
MCU_I2C1_SDA
IOD
I2C Data
L34, L36
6.3.4.3 WKUP Domain
Table 6-20. WKUP_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
WKUP_I2C0_SCL
IOD
I2C Clock
N33
WKUP_I2C0_SDA
IOD
I2C Data
N35
6.3.5 I3C
6.3.5.1 MCU Domain
Table 6-21. MCU_I3C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_I3C0_SCL
IO
I3C Clock
L35
MCU_I3C0_SDA
IO
I3C Data
L34
MCU_I3C0_SDAPULLEN
OD
I3C Data Pull Enable
L38, M38
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
96
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com