Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 91 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 87Page - Texas Instruments AM69AX Datasheet HTML 88Page - Texas Instruments AM69AX Datasheet HTML 89Page - Texas Instruments AM69AX Datasheet HTML 90Page - Texas Instruments AM69AX Datasheet HTML 91Page - Texas Instruments AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments AM69AX Datasheet HTML 94Page - Texas Instruments AM69AX Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 299 page
background image
Table 6-8. DDRSS3 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR3_DM1
IO
DDRSS Data Mask
D21
DDR3_DM2
IO
DDRSS Data Mask
C28
DDR3_DM3
IO
DDRSS Data Mask
E30
DDR3_DQ0
IO
DDRSS Data
D18
DDR3_DQ1
IO
DDRSS Data
B18
DDR3_DQ2
IO
DDRSS Data
C19
DDR3_DQ3
IO
DDRSS Data
D19
DDR3_DQ4
IO
DDRSS Data
F20
DDR3_DQ5
IO
DDRSS Data
E20
DDR3_DQ6
IO
DDRSS Data
G19
DDR3_DQ7
IO
DDRSS Data
F19
DDR3_DQ8
IO
DDRSS Data
E21
DDR3_DQ9
IO
DDRSS Data
G21
DDR3_DQ10
IO
DDRSS Data
F22
DDR3_DQ11
IO
DDRSS Data
D22
DDR3_DQ12
IO
DDRSS Data
C22
DDR3_DQ13
IO
DDRSS Data
B21
DDR3_DQ14
IO
DDRSS Data
B20
DDR3_DQ15
IO
DDRSS Data
C20
DDR3_DQ16
IO
DDRSS Data
B28
DDR3_DQ17
IO
DDRSS Data
B27
DDR3_DQ18
IO
DDRSS Data
C26
DDR3_DQ19
IO
DDRSS Data
D26
DDR3_DQ20
IO
DDRSS Data
F26
DDR3_DQ21
IO
DDRSS Data
G26
DDR3_DQ22
IO
DDRSS Data
E27
DDR3_DQ23
IO
DDRSS Data
D27
DDR3_DQ24
IO
DDRSS Data
F29
DDR3_DQ25
IO
DDRSS Data
G29
DDR3_DQ26
IO
DDRSS Data
F28
DDR3_DQ27
IO
DDRSS Data
E28
DDR3_DQ28
IO
DDRSS Data
D29
DDR3_DQ29
IO
DDRSS Data
C29
DDR3_DQ30
IO
DDRSS Data
B30
DDR3_DQ31
IO
DDRSS Data
D30
DDR3_DQS0N
IO
DDRSS Complimentary Data Strobe
A19
DDR3_DQS0P
IO
DDRSS Data Strobe
A18
DDR3_DQS1N
IO
DDRSS Complimentary Data Strobe
A22
DDR3_DQS1P
IO
DDRSS Data Strobe
A21
DDR3_DQS2N
IO
DDRSS Complimentary Data Strobe
A27
DDR3_DQS2P
IO
DDRSS Data Strobe
A26
DDR3_DQS3N
IO
DDRSS Complimentary Data Strobe
A30
DDR3_DQS3P
IO
DDRSS Data Strobe
A29
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com