Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 75 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 71Page - Texas Instruments AM69AX Datasheet HTML 72Page - Texas Instruments AM69AX Datasheet HTML 73Page - Texas Instruments AM69AX Datasheet HTML 74Page - Texas Instruments AM69AX Datasheet HTML 75Page - Texas Instruments AM69AX Datasheet HTML 76Page - Texas Instruments AM69AX Datasheet HTML 77Page - Texas Instruments AM69AX Datasheet HTML 78Page - Texas Instruments AM69AX Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AA24, AA26,
AA28, AA30,
AB25, AB29,
AB31,
AC26,
AC28,
AC30,
AD25,
AD27,
AD29,
AD31,
AE24, AE26,
AE28, AE30,
AE32, AF13,
AF17, AF19,
AF23, AF25,
AF27, AF29,
AF31,
AG12,
AG14,
AG16,
AG18,
AG20,
AG22,
AG24,
AG26,
AG30,
AG32,
AH31, AJ30,
M11, M13,
M15, M17,
M19, N12,
N16, N18,
P11, P17,
P19, R12,
R14, R16,
R18, R24,
R26, R28,
T11, T13,
T27, U12,
U24, U26,
U28, V25,
V27, W24,
W26, W28,
W30, W32,
Y25, Y29,
Y31
VDD_CORE
VDD_CORE
PWR
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com