Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 95 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 91Page - Texas Instruments AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments AM69AX Datasheet HTML 94Page - Texas Instruments AM69AX Datasheet HTML 95Page - Texas Instruments AM69AX Datasheet HTML 96Page - Texas Instruments AM69AX Datasheet HTML 97Page - Texas Instruments AM69AX Datasheet HTML 98Page - Texas Instruments AM69AX Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 299 page
background image
Table 6-10. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
WKUP_GPIO0_63
IO
General Purpose Input/Output
N33
WKUP_GPIO0_64
IO
General Purpose Input/Output
N35
WKUP_GPIO0_65
IO
General Purpose Input/Output
M35
WKUP_GPIO0_66
IO
General Purpose Input/Output
N34
WKUP_GPIO0_67
IO
General Purpose Input/Output
M34
WKUP_GPIO0_68
IO
General Purpose Input/Output
F36
WKUP_GPIO0_69
IO
General Purpose Input/Output
J38
WKUP_GPIO0_70
IO
General Purpose Input/Output
F37
WKUP_GPIO0_71
I
General Purpose Input/Output
P36
WKUP_GPIO0_72
I
General Purpose Input/Output
V36
WKUP_GPIO0_73
I
General Purpose Input/Output
T34
WKUP_GPIO0_74
I
General Purpose Input/Output
T36
WKUP_GPIO0_75
I
General Purpose Input/Output
P34
WKUP_GPIO0_76
I
General Purpose Input/Output
R37
WKUP_GPIO0_77
I
General Purpose Input/Output
R33
WKUP_GPIO0_78
I
General Purpose Input/Output
V38
WKUP_GPIO0_79
I
General Purpose Input/Output
Y38
WKUP_GPIO0_80
I
General Purpose Input/Output
Y34
WKUP_GPIO0_81
I
General Purpose Input/Output
V34
WKUP_GPIO0_82
I
General Purpose Input/Output
W37
WKUP_GPIO0_83
I
General Purpose Input/Output
AA37
WKUP_GPIO0_84
I
General Purpose Input/Output
W33
WKUP_GPIO0_85
I
General Purpose Input/Output
U33
WKUP_GPIO0_86
I
General Purpose Input/Output
Y36
WKUP_GPIO0_87
IO
General Purpose Input/Output
G34
WKUP_GPIO0_88
IO
General Purpose Input/Output
L38
6.3.4 I2C
6.3.4.1 MAIN Domain
Table 6-11. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C0_SCL
IOD
I2C Clock
AN36
I2C0_SDA
IOD
I2C Data
AP37
Table 6-12. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C1_SCL
IOD
I2C Clock
AD36, AE34, AJ35
I2C1_SDA
IOD
I2C Data
AH34, AJ32, AL33
Table 6-13. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
I2C2_SCL
IOD
I2C Clock
AC32, AN38
I2C2_SDA
IOD
I2C Data
AC37, AM35
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com