Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 90 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 86Page - Texas Instruments AM69AX Datasheet HTML 87Page - Texas Instruments AM69AX Datasheet HTML 88Page - Texas Instruments AM69AX Datasheet HTML 89Page - Texas Instruments AM69AX Datasheet HTML 90Page - Texas Instruments AM69AX Datasheet HTML 91Page - Texas Instruments AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments AM69AX Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 299 page
background image
Table 6-7. DDRSS2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR2_DQ16
IO
DDRSS Data
F3
DDR2_DQ17
IO
DDRSS Data
G7
DDR2_DQ18
IO
DDRSS Data
H6
DDR2_DQ19
IO
DDRSS Data
H4
DDR2_DQ20
IO
DDRSS Data
G2
DDR2_DQ21
IO
DDRSS Data
H3
DDR2_DQ22
IO
DDRSS Data
G5
DDR2_DQ23
IO
DDRSS Data
F2
DDR2_DQ24
IO
DDRSS Data
E4
DDR2_DQ25
IO
DDRSS Data
D2
DDR2_DQ26
IO
DDRSS Data
F6
DDR2_DQ27
IO
DDRSS Data
F5
DDR2_DQ28
IO
DDRSS Data
E3
DDR2_DQ29
IO
DDRSS Data
E7
DDR2_DQ30
IO
DDRSS Data
E6
DDR2_DQ31
IO
DDRSS Data
D4
DDR2_DQS0N
IO
DDRS Complimentary Data Strobe
R1
DDR2_DQS0P
IO
DDRS Data Strobe
T1
DDR2_DQS1N
IO
DDRS Complimentary Data Strobe
M1
DDR2_DQS1P
IO
DDRS Data Strobe
N1
DDR2_DQS2N
IO
DDRS Complimentary Data Strobe
G1
DDR2_DQS2P
IO
DDRS Data Strobe
H1
DDR2_DQS3N
IO
DDRS Complimentary Data Strobe
D1
DDR2_DQS3P
IO
DDRS Data Strobe
E1
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-8. DDRSS3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR3_CKN
IO
DDRSS Differential Clock (negative)
B25
DDR3_CKP
IO
DDRSS Differential Clock (positive)
A24
DDR3_RESETn
IO
DDRSS Reset
C23
DDR3_RET
I
DDR Retention Enable
G27
DDR3_CA0
IO
DDRSS Command Address
D25
DDR3_CA1
IO
DDRSS Command Address
B23
DDR3_CA2
IO
DDRSS Command Address
D24
DDR3_CA3
IO
DDRSS Command Address
C24
DDR3_CA4
IO
DDRSS Command Address
E23
DDR3_CA5
IO
DDRSS Command Address
F23
DDR3_CAL0 (1)
A
DDRSS IO Pad Calibration Resistor
F18
DDR3_CKE0
IO
DDRSS Clock Enable
C25
DDR3_CKE1
IO
DDRSS Clock Enable
G24
DDR3_CSn0_0
IO
DDRSS Chip Select
G23
DDR3_CSn0_1
IO
DDRSS Chip Select
G25
DDR3_CSn1_0
IO
DDRSS Chip Select
F25
DDR3_CSn1_1
IO
DDRSS Chip Select
E24
DDR3_DM0
IO
DDRSS Data Mask
E18
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
90
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com