Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 89 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 85Page - Texas Instruments AM69AX Datasheet HTML 86Page - Texas Instruments AM69AX Datasheet HTML 87Page - Texas Instruments AM69AX Datasheet HTML 88Page - Texas Instruments AM69AX Datasheet HTML 89Page - Texas Instruments AM69AX Datasheet HTML 90Page - Texas Instruments AM69AX Datasheet HTML 91Page - Texas Instruments AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 299 page
background image
Table 6-6. DDRSS1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR1_DQS1P
IO
DDRSS Data Strobe
A13
DDR1_DQS2N
IO
DDRSS Complimentary Data Strobe
A9
DDR1_DQS2P
IO
DDRSS Data Strobe
A8
DDR1_DQS3N
IO
DDRSS Complimentary Data Strobe
A4
DDR1_DQS3P
IO
DDRSS Data Strobe
A3
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-7. DDRSS2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR2_CKN
IO
DDRSS Differential Clock (negative)
K1
DDR2_CKP
IO
DDRSS Differential Clock (positive)
L2
DDR2_RESETn
IO
DDRSS Reset
J5
DDR2_RET
I
DDR Retention Enable
L8
DDR2_CA0
IO
DDRS Command Address
K3
DDR2_CA1
IO
DDRS Command Address
L3
DDR2_CA2
IO
DDRS Command Address
K5
DDR2_CA3
IO
DDRS Command Address
L4
DDR2_CA4
IO
DDRS Command Address
K4
DDR2_CA5
IO
DDRS Command Address
L7
DDR2_CAL0 (1)
A
DDRSS IO Pad Calibration Resistor
U7
DDR2_CKE0
IO
DDR Clock Enable
L6
DDR2_CKE1
IO
DDR Clock Enable
J2
DDR2_CSn0_0
IO
DDRSS Chip Select
J3
DDR2_CSn0_1
IO
DDRSS Chip Select
J6
DDR2_CSn1_0
IO
DDRSS Chip Select
J7
DDR2_CSn1_1
IO
DDRSS Chip Select
K7
DDR2_DM0
IO
DDRSS Data Mask
T2
DDR2_DM1
IO
DDRSS Data Mask
M6
DDR2_DM2
IO
DDRSS Data Mask
G4
DDR2_DM3
IO
DDRSS Data Mask
D5
DDR2_DQ0
IO
DDRSS Data
T4
DDR2_DQ1
IO
DDRSS Data
R6
DDR2_DQ2
IO
DDRSS Data
R3
DDR2_DQ3
IO
DDRSS Data
R4
DDR2_DQ4
IO
DDRSS Data
P6
DDR2_DQ5
IO
DDRSS Data
P5
DDR2_DQ6
IO
DDRSS Data
T5
DDR2_DQ7
IO
DDRSS Data
R7
DDR2_DQ8
IO
DDRSS Data
N2
DDR2_DQ9
IO
DDRSS Data
N4
DDR2_DQ10
IO
DDRSS Data
P2
DDR2_DQ11
IO
DDRSS Data
P3
DDR2_DQ12
IO
DDRSS Data
M7
DDR2_DQ13
IO
DDRSS Data
N5
DDR2_DQ14
IO
DDRSS Data
M4
DDR2_DQ15
IO
DDRSS Data
M3
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com