Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 87 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 83Page - Texas Instruments AM69AX Datasheet HTML 84Page - Texas Instruments AM69AX Datasheet HTML 85Page - Texas Instruments AM69AX Datasheet HTML 86Page - Texas Instruments AM69AX Datasheet HTML 87Page - Texas Instruments AM69AX Datasheet HTML 88Page - Texas Instruments AM69AX Datasheet HTML 89Page - Texas Instruments AM69AX Datasheet HTML 90Page - Texas Instruments AM69AX Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 299 page
background image
Table 6-5. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR0_DQ9
IO
DDRSS Data
W3
DDR0_DQ10
IO
DDRSS Data
AA3
DDR0_DQ11
IO
DDRSS Data
W2
DDR0_DQ12
IO
DDRSS Data
AA6
DDR0_DQ13
IO
DDRSS Data
Y4
DDR0_DQ14
IO
DDRSS Data
Y5
DDR0_DQ15
IO
DDRSS Data
AA7
DDR0_DQ16
IO
DDRSS Data
AF2
DDR0_DQ17
IO
DDRSS Data
AE7
DDR0_DQ18
IO
DDRSS Data
AG3
DDR0_DQ19
IO
DDRSS Data
AF5
DDR0_DQ20
IO
DDRSS Data
AE6
DDR0_DQ21
IO
DDRSS Data
AF4
DDR0_DQ22
IO
DDRSS Data
AE3
DDR0_DQ23
IO
DDRSS Data
AE4
DDR0_DQ24
IO
DDRSS Data
AG5
DDR0_DQ25
IO
DDRSS Data
AH3
DDR0_DQ26
IO
DDRSS Data
AJ2
DDR0_DQ27
IO
DDRSS Data
AH4
DDR0_DQ28
IO
DDRSS Data
AJ4
DDR0_DQ29
IO
DDRSS Data
AH6
DDR0_DQ30
IO
DDRSS Data
AH7
DDR0_DQ31
IO
DDRSS Data
AG6
DDR0_DQS0N
IO
DDRSS Complimentary Data Strobe
V1
DDR0_DQS0P
IO
DDRSS Data Strobe
U1
DDR0_DQS1N
IO
DDRSS Complimentary Data Strobe
Y1
DDR0_DQS1P
IO
DDRSS Data Strobe
AA1
DDR0_DQS2N
IO
DDRSS Complimentary Data Strobe
AE1
DDR0_DQS2P
IO
DDRSS Data Strobe
AF1
DDR0_DQS3N
IO
DDRSS Complimentary Data Strobe
AH1
DDR0_DQS3P
IO
DDRSS Data Strobe
AJ1
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-6. DDRSS1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR1_CKN
IO
DDRSS Differential Clock (negative)
A11
DDR1_CKP
IO
DDRSS Differential Clock (positive)
B10
DDR1_RESETn
IO
DDRSS Reset
G10
DDR1_RET
I
DDR Retention Enable
G8
DDR1_CA0
IO
DDRSS Command Address
F12
DDR1_CA1
IO
DDRSS Command Address
C12
DDR1_CA2
IO
DDRSS Command Address
B12
DDR1_CA3
IO
DDRSS Command Address
C11
DDR1_CA4
IO
DDRSS Command Address
D12
DDR1_CA5
IO
DDRSS Command Address
E10
DDR1_CAL0 (1)
A
IO Pad Calibration Resistor
G14
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com